Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC643LC5 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC643LC5
Description  GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 9 - 12 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC643LC5 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC643LC5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC643LC5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC643LC5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC643LC5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC643LC5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC643LC5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC643LC5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC643LC5 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
7
7 - 28
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Outline Drawing
NOTES:
1. PACKAGE BODY MATERIAL: ALUMINA
2. LEAD AND GROUND PADDLE PLATING: 30-80 MICROINCHES GOLD OVER
50 MICROINCHES MINIMUM NICKEL.
3. DIMENSIONS ARE IN INCHES [MILLIMETERS].
4. LEAD SPACING TOLERANCE IS NON-CUMULATIVE
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm DATUM -C-
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED
TO PCB RF GROUND.
7. CLASSIFIED AS MOISTURE SENSITIVITY LEVEL (MSL) 1.
Pin Number
Function
Description
Interface Schematic
1 - 4,
21 - 32
N/C
No connection required. These pins may be connected to
RF/DC ground without affecting performance.
5, 7, 18, 20
GND
These pins and exposed ground paddle
must be connected to RF/DC ground.
6
RFIN
This port is DC coupled and matched to 50 Ohms.
9, 10, 11,
12, 14, 17
BIT5, BIT1, BIT2,
BIT3, BIT4, BIT6
Non-Inverted Control Input. See truth table
and control voltage tables.
8, 13,
15, 16
BIT5, BIT3
BIT4, BIT6
Inverted Control Input. See truth table
and control voltage tables.
19
RFOUT
This port is DC coupled and matched to 50 Ohms.
Pin Descriptions
GaAs MMIC 6-BIT DIGITAL
PHASE SHIFTER, 9 - 12 GHz
v00.0607
HMC643LC5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com