Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MURF1640CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MURF1640CT
Description  16.0 AMPS. Switchmode Power Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MURF1640CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MURF1640CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MURF1640CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 378 -
MURF1620CT THRU MURF1660CT
16.0 AMPS. Switchmode Power Rectifiers
Voltage Range
200 to 600 Volts
Current
16.0 Ampere
Features
Ultrafast 35 and 60 Nanosecond Recovery times
175
OCoperating Junction Temperature
Popular TO-220 Package
Epoxy meets UL94, VO @ 1/8”
High temperature glass passivated junction
High voltage capability to 600 volts
Low leakage specified @ 150
OC case temperature
Current derating @ both case and ambient
temperatures
Mechanical Data
Case: Epoxy, molded
Lead temperature for soldering purposes: 260
OC
Max. for 10 seconds
Finish: all external surfaces corrosion resistant and
terminal leads are readily solderable
Shipped 50 units per plastic tube
Weight: 1.9 grams (approximately)
ITO-220AB
Dimensions in inches and (millimeters)
MAXIMUM RATINGS
Type Number
Symbol
MURF
1620CT
MURF
1640CT
MURF
1660CT
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
200
400
600
V
Average Rectified Forward Current
Per Leg
Total Device, (Rated VR), Tc=150
OC
Total Device
IF(AV)
8.0
16
A
Peak Rectified Forward Current
(Rated VR, Square Wave, 20 KHz), Tc=150
℃
Per Diode Leg
IFM
16
A
Nonrepetitive Peak Surge Current
(Surge Applied at Rated Load Conditions
Halfwave, Single Phase, 60 Hz)
IFSM
100
A
Operating Junction Temperature and Storage
Temperature
TJ, TSTG
-65 to + 175
℃
THERMAL CHARACTERISTICS, PER DIODE LEG
Maximum Thermal Resistance, Junction to
Case
R
θJC
3.0
2.0
℃/W
ELECTRICAL CHARACTERISTICS, PER DIODE LEG
Maximum Instantaneous Forward Voltage
(Note 1)
(IF=8.0 Amps, Tc=25
℃)
(IF=8.0 Amps, Tc=150
℃)
VF
0.975
0.895
1.30
1.30
1.50
1.20
V
Maximum Instantaneous Reverse Current
at Rated DC Blocking Voltage @ TA=25
℃
@ TA=125
℃
IR
5.0
250
10
500
uA
uA
Maximum Reverse Recovery Time
(IF=0.5 Amp, IR=1.0 Amp, IREC=0.25 Amp)
trr
25
50
nS
Note: 1. Pulse Test: Pulse Width = 300 us, Duty Cycle
≦2.0%.
.272(6.9)
.248(6.3)
.543(13.8)
.512(13.2)
.110(2.8)
.098(2.5)
.606(15.5)
.583(14.8)
.112(2.85)
.100(2.55)
.134(3.4)DIA
.113(3.0)DIA


Similar Part No. - MURF1640CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MURF1640CT ETC-MURF1640CT Datasheet
65Kb / 2P
16.0 AMPS. Switchmode Power Rectifiers
logo
Taiwan Semiconductor Co...
MURF1640CT TSC-MURF1640CT Datasheet
316Kb / 2P
16.0 AMPS. Switchmode Power Rectifiers
logo
Diotech Company.
MURF1640CT DIOTECH-MURF1640CT Datasheet
891Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
logo
Taiwan Semiconductor Co...
MURF1640CT TSC-MURF1640CT Datasheet
177Kb / 2P
16.0AMPS. Isolated Switchmode Power Rectifiers
logo
Shenzhen Luguang Electr...
MURF1640CT LUGUANG-MURF1640CT Datasheet
389Kb / 2P
16.0AMP. Switchmode Power Rectifiers
More results

Similar Description - MURF1640CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MURF1640CT ETC-MURF1640CT Datasheet
65Kb / 2P
16.0 AMPS. Switchmode Power Rectifiers
logo
Taiwan Semiconductor Co...
MBR1635 TSC-MBR1635 Datasheet
61Kb / 2P
16.0 AMPS. Schottky Barrier Rectifiers
MUR1620CT TSC-MUR1620CT Datasheet
113Kb / 2P
16.0 AMPS. Switchmode Power Rectifiers
MUR1620CT TSC-MUR1620CT_1 Datasheet
323Kb / 2P
16.0 AMPS. Switchmode Power Rectifiers
MURF1620CT TSC-MURF1620CT_1 Datasheet
316Kb / 2P
16.0 AMPS. Switchmode Power Rectifiers
GP1601 TSC-GP1601_1 Datasheet
344Kb / 2P
16.0 AMPS. Glass Passivated Rectifiers
logo
First Components Intern...
FG16A01 FCI-FG16A01 Datasheet
112Kb / 2P
16.0 Amps Glass Passivated Power STD Rectifiers
logo
Shenzhen Yixinwei Techn...
MUR1620CT YIXIN-MUR1620CT Datasheet
368Kb / 2P
16.0 AMPS. Switchmode Power Rectifiers
logo
SHIKUES Electronics
MUR1620AT SKTECHNOLGY-MUR1620AT Datasheet
386Kb / 3P
16.0 A Switchmode Power Rectifiers
MUR1620CT SKTECHNOLGY-MUR1620CT Datasheet
1Mb / 3P
16.0 A Switchmode Power Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com