Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC646LP2 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC646LP2
Description  GaAs MMIC 40W FAILSAFE SWITCH, 0.1 - 2.1 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC646LP2 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC646LP2 Datasheet HTML 1Page - Hittite Microwave Corporation HMC646LP2 Datasheet HTML 2Page - Hittite Microwave Corporation HMC646LP2 Datasheet HTML 3Page - Hittite Microwave Corporation HMC646LP2 Datasheet HTML 4Page - Hittite Microwave Corporation HMC646LP2 Datasheet HTML 5Page - Hittite Microwave Corporation HMC646LP2 Datasheet HTML 6Page - Hittite Microwave Corporation HMC646LP2 Datasheet HTML 7Page - Hittite Microwave Corporation HMC646LP2 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
9
9 - 372
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
v01.0707
GaAs MMIC 40W FAILSAFE
SWITCH, 0.1 - 2.1 GHz
General Description
Features
Functional Diagram
High Input P0.1 dB: +46 dBm Tx
Low Insertion Loss: 0.4 dB
High IIP3: +74 dBm
Single Positive Control: 0/+3V to 0/+8V
Failsafe operation; Tx ‘On’ when unpowered
2x2mm DFN SMT Package
Electrical Specifications, T
A = +25°C, Vdd= 5V, Vctl = 0/+5 Vdc, 50 Ohm System*
Typical Applications
The HMC646LP2(E) is ideal for:
• LNA Protection & T/R Switching
• TD-SCDMA / 3G Infrastructure
• Satellite Subscriber Terminals
• Private Mobile Radio & Public Safety Handsets
• Automotive Telematics
The HMC646LP2(E) is an SPDT switch in a leadless
DFN surface mount plastic package for use in trans-
mit / receive and LNA protection applications which
require very low distortion and high power handling
of up to 40 watts with less than 10% duty cycle. This
robust switch can control signals from 100 - 2100
MHz* and is ideal for TD-SCDMA / 3G repeaters,
PMR, automotive telematics, and satellite subscriber
terminal applications. The design provides excep-
tional P0.1 dB of +46 dBm and +74 dBm IIP3 on the
Transmit (Tx) port. The failsafe topology provides a
low loss path from Tx to RFC, when no DC power is
available.
HMC646LP2 / 646LP2E
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max
Units
Frequency Range
869 - 960
1525 - 1661
2010 - 2025
MHz
Insertion Loss
Tx - RFC
RFC - Rx
0.3
0.4
0.6
0.7
0.6
0.8
0.9
1.1
0.7
1.3
1.0
1.7
dB
dB
Isolation
Tx - RFC
RFC - Rx
20
28
27
38
15
20
22
30
12
25
17
32
dB
dB
Return Loss
Tx - RFC
RFC - Rx
17
25
27
20
25
12
dB
dB
Input Power for 0.1 dB
Compression
Tx - RFC
RFC - Rx
44
20
46
20
46
20
dBm
dBm
Input Third Order
Intercept (Two-tone input
power = +17 dBm each tone)
Tx - RFC
RFC - Rx
71
41
74
42
74
34
dBm
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, (50% CTL to 90% RF)
tOFF (50% CTL to 10% RF)
100
320
320
100
320
320
100
320
320
ns
ns
ns
* Specifications and data reflect HMC646LP2 measured using the respective application circuits for each
designated frequency band found herein


Similar Part No. - HMC646LP2

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC646LP2 HITTITE-HMC646LP2 Datasheet
247Kb / 8P
GaAs MMIC 40W FAILSAFE SWITCH, 0.1 - 2.1 GHz
HMC646LP2E HITTITE-HMC646LP2E Datasheet
247Kb / 8P
GaAs MMIC 40W FAILSAFE SWITCH, 0.1 - 2.1 GHz
HMC646LP2 HITTITE-HMC646LP2_09 Datasheet
247Kb / 8P
GaAs MMIC 40W FAILSAFE SWITCH, 0.1 - 2.1 GHz
More results

Similar Description - HMC646LP2

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC550 HITTITE-HMC550 Datasheet
227Kb / 6P
GAAS MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
HMC546LP2 HITTITE-HMC546LP2 Datasheet
399Kb / 10P
GaAs MMIC 10W FAILSAFE SWITCH 0.2 - 2.7 GHz
HMC546LP2 HITTITE-HMC546LP2_10 Datasheet
284Kb / 8P
GaAs MMIC 10W FAILSAFE SWITCH 0.2 - 2.7 GHz
HMC546MS8G HITTITE-HMC546MS8G_10 Datasheet
436Kb / 12P
GaAs MMIC 20W FAILSAFE SWITCH 0.2 - 2.2 GHz
HMC550 HITTITE-HMC550_10 Datasheet
466Kb / 6P
GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
HMC646LP2 HITTITE-HMC646LP2_09 Datasheet
247Kb / 8P
GaAs MMIC 40W FAILSAFE SWITCH, 0.1 - 2.1 GHz
HMC550A HITTITE-HMC550A Datasheet
686Kb / 8P
GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
logo
Guerrilla RF, Inc.
GRF6011 GUERRILLA-GRF6011 Datasheet
823Kb / 14P
SPDT Failsafe Switch 0.1 ??6.0 GHz
logo
Analog Devices
HMC546MS8G AD-HMC546MS8G Datasheet
801Kb / 12P
GaAs MMIC 20W FAILSAFE SWITCH 0.2 - 2.2 GHz
HMC550A AD-HMC550A Datasheet
368Kb / 6P
GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com