Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC646LP2E Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC646LP2E
Description  GaAs MMIC 40W FAILSAFE SWITCH, 0.1 - 2.1 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC646LP2E Datasheet(HTML) 7 Page - Hittite Microwave Corporation

  HMC646LP2E Datasheet HTML 1Page - Hittite Microwave Corporation HMC646LP2E Datasheet HTML 2Page - Hittite Microwave Corporation HMC646LP2E Datasheet HTML 3Page - Hittite Microwave Corporation HMC646LP2E Datasheet HTML 4Page - Hittite Microwave Corporation HMC646LP2E Datasheet HTML 5Page - Hittite Microwave Corporation HMC646LP2E Datasheet HTML 6Page - Hittite Microwave Corporation HMC646LP2E Datasheet HTML 7Page - Hittite Microwave Corporation HMC646LP2E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
9
9 - 378
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Application Circuit
Tuned Frequency
915 MHz
1600 MHz
2015 MHz
Evaluation PCB Number
118098
118099
118100
C1, C3, C5 [1]
1000 pF
330 pF
330 pF
C2
2.7 pF
1.5 pF
1.1 pF
C4
1000 pF
100 pF
100 pF
C6
1.8 pF
0.5 pF
0.5 pF
C7
15 pF
4.7 pF
2.7 pF
L1
15 nH
3.9 nH
1.8 nH
L2
9 nH
4.3 nH
3.3 nH
R1
10 k
10 k
10 k
[1] DC blocking capacitors
Components for Selected Frequencies
v01.0707
HMC646LP2 / 646LP2E
GaAs MMIC 40W FAILSAFE
SWITCH, 0.1 - 2.1 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com