Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW41412 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STW41412
Description  Single-coil dual-output step-down DC/DC converter for digital base band and multimedia processor supply
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW41412 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STW41412 Datasheet HTML 5Page - STMicroelectronics STW41412 Datasheet HTML 6Page - STMicroelectronics STW41412 Datasheet HTML 7Page - STMicroelectronics STW41412 Datasheet HTML 8Page - STMicroelectronics STW41412 Datasheet HTML 9Page - STMicroelectronics STW41412 Datasheet HTML 10Page - STMicroelectronics STW41412 Datasheet HTML 11Page - STMicroelectronics STW41412 Datasheet HTML 12Page - STMicroelectronics STW41412 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
STw4141
Electrical characteristics
9/30
2.3
DC electrical characteristics
Characteristics measured over recommended operating conditions unless otherwise is
noted.
All typical values are referred to TA = 25°C, PVDD = 3.6V, VDD = 3.6V.
Table 4.
DC electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ
Max.
Unit
PVDD
Power supply voltage
2.7
5.5
V
ILIM
Peak current limit
1.6
A
VOUT1
(1)
Output voltage 1(2)
-3
+3
%
VOUT2
Output voltage 2(2)
VSEL = VDD,
MODE/SYNC = VDD
-3
+3
%
Output voltage 2(2)
VSEL = GND,
MODE/SYNC = VDD
-3
+3
%
IOUT1
Output current 1
200
mA
IOUT2
Output current 2
400
mA
Iq
Quiescent current
(PWM)
IOUT1 = 0 mA, IOUT2 = 0 mA
EN = VDD, VSEL = VDD
MODE/SYNC = VDD,
AUTO = GND
600
µA
Quiescent current
(PFM)
IOUT1 = 0 mA, IOUT2 = 0 mA
EN = VDD, VSEL = VDD
MODE/SYNC = GND,
AUTO = GND
90
µA
Shutdown current
EN = GND,
VSEL = GND
MODE/SYNC = GND,
AUTO = GND
15
µA
Enable functions
VENH
Enable threshold high
0.9
V
VENL
Enable threshold low
0.4
V
Mode/sync functions
VM/SH
MODE/SYNC
threshold high
0.9
V
VM/SL
MODE/SYNC
threshold low
0.4
V
VSEL functions
VSELH
Voltage selection
threshold high
0.9
V
VSELL
Voltage selection
threshold low
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com