Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW41413T Datasheet(PDF) 11 Page - STMicroelectronics

Part # STW41413T
Description  Single-coil dual-output step-down DC/DC converter for digital base band and multimedia processor supply
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW41413T Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STW41413T Datasheet HTML 7Page - STMicroelectronics STW41413T Datasheet HTML 8Page - STMicroelectronics STW41413T Datasheet HTML 9Page - STMicroelectronics STW41413T Datasheet HTML 10Page - STMicroelectronics STW41413T Datasheet HTML 11Page - STMicroelectronics STW41413T Datasheet HTML 12Page - STMicroelectronics STW41413T Datasheet HTML 13Page - STMicroelectronics STW41413T Datasheet HTML 14Page - STMicroelectronics STW41413T Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
STw4141
Electrical characteristics
11/30
2.5
Soft start
To avoid spikes on battery during STw4141 start-up sequence, a smooth start-up is
implemented. Reference voltage grows up less than 600 µs until it achieves is final target.
Therefore, STw4141 start up is smooth and secure for the overall mobile phone.
Figure 2 illustrates a smooth start up sequence where VIN = 3.6V, VOUT1 = 1.8V@ 200mA,
VOUT2 =1.2V@400mA.
Figure 2.
Smooth start-up sequence
2.6
Settling time of VOUT2
Figure 3.
Settling time of VOUT2, IOUT1 = 200mA, IOUT2 = 400mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com