Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T73 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T73
Description  1/4" Square Single-Turn Cermet Sealed Trimmers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T73 Datasheet(HTML) 2 Page - Vishay Siliconix

  T73 Datasheet HTML 1Page - Vishay Siliconix T73 Datasheet HTML 2Page - Vishay Siliconix T73 Datasheet HTML 3Page - Vishay Siliconix T73 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Document Number: 51016
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 24-Jan-07
See also: Application notes
43
T73
1/4" Square Single-Turn
Cermet Sealed Trimmers
Vishay Sfernice
ELECTRICAL SPECIFICATIONS
Resistive Element
Cermet
Electrical Travel
240° nominal
Resistance Range
10
Ω to 2 MΩ
Standard Series
1 - 2 - 5
Tolerance Standard
± 10 %
Power Rating
Linear
0.5 W at 70 °C
Logarithmic
not applicable
Temperature Coefficient
± 100 ppm/°C
Limiting Element Voltage
300 V
Contact Resistance Variation
1 % or 3
Ω max. whichever is greater
Absolute Minimum Resistance
1 % or 2
Ω max. whichever is greater
Adjustability
± 0.05 % voltage
± 0.15 % resistance
Resolution
infinite
Insulation Resistance (500 V DC)
103 M
Ω minimum
Dielectric Strength
900 Vac sea level
350 Vac 80 000 feet
MECHANICAL SPECIFICATIONS
Mechanical Travel
270°
Operating Torque (max. Ncm)
2.1
End Stop Torque (max. Ncm)
4.9
Unit Weight (max. g)
0.6
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
- 55 °C to + 125 °C
Climatic Category
55/100/56
Seal Test
85 °C Fluorinert**
Flammability
UL 94-VO
** Fluorinert is a registered trademark of 3M Co.
POWER RATING CHART
0
20
40
100
125
140
70
60
0.25
0
0.50
AMBIENT TEMPERATURE IN DEGREES CELSIUS
PERFORMANCE
TESTS
CONDITIONS
TYPICAL VALUES AND DRIFTS
Load Life
1000 hours - 0.5 W at + 70 °C
ΔR
R
≤ 3 %
CRV
< 3
Ω or 3 %
whichever is
greater
Shock
100 g
ΔR
R
< ± 1 %
ΔV
V
< ± 1 %
Vibration
30 g
ΔR
R
< ± 1 %
ΔV
V
≤ ± 1 %
Humidity
Mil-STD202 method 103 - 96 hours
ΔR
R
< ± 2 %
i.R. 10 M
Ω
Rotational Life
200 cycles
ΔR
R
< ± 4 %
CRV
< 3
Ω or 3 %
whichever is
greater



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com