Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAR-2013-19VF-R2 Datasheet(PDF) 4 Page - Eravant

Part # SAR-2013-19VF-R2
Description  WR-19 Pyramidal Horn Antenna, 20 dBi Gain with 1.85 mm Coax Input
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SAR-2013-19VF-R2 Datasheet(HTML) 4 Page - Eravant

  SAR-2013-19VF-R2 Datasheet HTML 1Page - Eravant SAR-2013-19VF-R2 Datasheet HTML 2Page - Eravant SAR-2013-19VF-R2 Datasheet HTML 3Page - Eravant SAR-2013-19VF-R2 Datasheet HTML 4Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SAR-2013-19VF-R2
Rev 1.1
www.eravant.com | 501 Amapola Avenue, Torrance, CA 90501
Phone: 424-757-0168 | Fax: 424-757-0188 | Email: support@eravant.com
WR-19 Pyramidal Horn Antenna, 20 dBi Gain with 1.85 mm Coax Input
Page | 4
Copyright © 2023 by Eravant
Note:
• This antenna is a mature product. The reasons for only providing simulated data can be found in
the following blog here.
• All testing was performed under +25˚C room temperature.
• Eravant reserves the right to change the information presented without notice.
Caution:
• Any foreign objects in the antenna will cause performance degradation and possible device
damage.
• Proper torque, 8.0 ± 0.15 inch-pounds (0.92 ± 0.05 Nm), should be applied. Eravant torque
wrench, model SCH-08008-S1, is highly recommended.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com