Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAR-2013-22VF-R2 Datasheet(PDF) 2 Page - Eravant

Part # SAR-2013-22VF-R2
Description  WR-22 Pyramidal Horn Antenna, 20 dBi Gain with 1.85 mm Coax Input
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SAR-2013-22VF-R2 Datasheet(HTML) 2 Page - Eravant

  SAR-2013-22VF-R2 Datasheet HTML 1Page - Eravant SAR-2013-22VF-R2 Datasheet HTML 2Page - Eravant SAR-2013-22VF-R2 Datasheet HTML 3Page - Eravant SAR-2013-22VF-R2 Datasheet HTML 4Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SAR-2013-22VF-R2 & SAR-2013-22VM-R2
Rev 1.3
www.eravant.com | 501 Amapola Avenue, Torrance, CA 90501
Phone: 424-757-0168 | Fax: 424-757-0188 | Email: support@eravant.com
Page | 2
WR-22 Pyramidal Horn Antenna, 20 dBi Gain with
1.85 mm Coax Input
Copyright © 2023 by Eravant
-30
-20
-10
0
10
20
30
-90 -80 -70 -60 -50 -40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90
Boresight Angle (Degree)
Typical Antenna Pattern @ 41.5 GHz
E-Plane
H-Plane
16
17
18
19
20
21
22
23
24
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
Frequency Range (GHz)
Typical Gain vs. Frequency



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com