Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAR-2309-15VF-R2 Datasheet(PDF) 1 Page - Eravant

Part # SAR-2309-15VF-R2
Description  WR-15 Pyramidal Horn Antenna, 23 dBi Gain with 1.85 mm (V) Coax Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SAR-2309-15VF-R2 Datasheet(HTML) 1 Page - Eravant

  SAR-2309-15VF-R2 Datasheet HTML 1Page - Eravant SAR-2309-15VF-R2 Datasheet HTML 2Page - Eravant SAR-2309-15VF-R2 Datasheet HTML 3Page - Eravant SAR-2309-15VF-R2 Datasheet HTML 4Page - Eravant SAR-2309-15VF-R2 Datasheet HTML 5Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SAR-2309-15VF-R2 & SAR-2309-15VM-R2
Rev 1.2
www.eravant.com | 501 Amapola Avenue, Torrance, CA 90501
Phone: 424-757-0168 | Fax: 424-757-0188 | Email: support@eravant.com
WR-15 Pyramidal Horn Antenna, 23 dBi Gain with 1.85 mm (V) Coax Input
Page | 1
Copyright © 2023 by Eravant
Description:
Models SAR-2309-15VF-R2 and SAR-2309-15VM-R2
are V-band pyramidal horn antennas equipped with
right angle (90°) 1.85 mm coax connectors to cover
the frequency range of 50 GHz to 70 GHz. The
antennas offer 23 dBi nominal gain and a typical half
power beamwidth of 10.5 degrees on the E-plane and
12 degrees on the H-plane. The antennas only support
linear polarized waveforms. End launch (180°) 1.85 mm coax connector configurations are available
under the models SAR-2309-15VF-E2 and SAR-2309-15VM-E2.
Features:
• Right Angle Configuration
• Linear Polarization
• DC Open Circuit at Input
Applications:
• Antenna Ranges
• Antenna Gain Measurements
• System Setups
Electrical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency
50 GHz
70 GHz
Gain
23 dBi
Polarization
Linear
3 dB Beamwidth, E-Plane
10.5°
3 dB Beamwidth, H-Plane
12°
Sidelobes, E-Plane
-10 dB
Sidelobes, H-Plane
-20 dB
Return Loss
15 dB
Power Handling
30 W (CW)
Specification Temperature
+25 °C
Operating Temperature
-40 °C
+85 °C
Mechanical Specifications:
Item
Specification
Antenna Port
1.85 mm Female for Model Number: SAR-2309-15VF-R2
1.85 mm Male for Model Number: SAR-2309-15VM-R2
Material
Brass
Finish
Gold Plated
Weight
2.0 Oz
Size
3.45” (L) X 1.28” (W) X 1.04” (H)
Outline
AR-VC2-R


Similar Part No. - SAR-2309-15VF-R2

ManufacturerPart #DatasheetDescription
logo
Eravant
SAR-2309-15VF-E2 ERAVANT-SAR-2309-15VF-E2 Datasheet
370Kb / 5P
WR-15 Pyramidal Horn Antenna, 23 dBi Gain with 1.85 mm (V) Coax Input
Rev 1.2
More results

Similar Description - SAR-2309-15VF-R2

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9850-10 PASTERNACK-PE9850-10 Datasheet
426Kb / 2P
STANDARD GAIN HORN WR-28
PE9850-20 PASTERNACK-PE9850-20 Datasheet
254Kb / 2P
STANDARD GAIN HORN WR-28
PE9851-15 PASTERNACK-PE9851-15 Datasheet
398Kb / 2P
STANDARD GAIN HORN WR-34
PE9851-20 PASTERNACK-PE9851-20 Datasheet
414Kb / 2P
STANDARD GAIN HORN WR-34
PE9852-10 PASTERNACK-PE9852-10 Datasheet
254Kb / 2P
STANDARD GAIN HORN WR-42
PE9852A-15 PASTERNACK-PE9852A-15 Datasheet
354Kb / 3P
WR-42 Waveguide Standard Gain Horn Antenna Operating From 18 GHz to 26.5 GHz With a Nominal 15 dBi Gain With UG-597/U Square Cover Flange
PE9853A-20 PASTERNACK-PE9853A-20 Datasheet
417Kb / 3P
WR-51 Waveguide Standard Gain Horn Antenna Operating From 15 GHz to 22 GHz With a Nominal 20 dBi Gain With Square Cover Flange
PE9855A-20 PASTERNACK-PE9855A-20 Datasheet
356Kb / 3P
WR-75 Waveguide Standard Gain Horn Antenna Operating From 10 GHz to 15 GHz With a Nominal 20 dBi Gain With Square Cover Flange
PE9858-20 PASTERNACK-PE9858-20 Datasheet
233Kb / 2P
WR-112 Standard Gain Horn Antenna Operates From 7.05 GHz to 10 GHz With a Nominal 20 dB Gain WR-112 Input
PE9881A-20 PASTERNACK-PE9881A-20 Datasheet
344Kb / 3P
WR-15 Waveguide Horn Antenna Operating From 50 GHz to 75 GHz With a Nominal 20 dBi Gain With UG-385/U Round Cover Flange
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com