Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P600A Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # P600A
Description  6.0 AMPS Silicon Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P600A Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  P600A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P600A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 525 -
RATINGS AND CHARACTERISTIC CURVES (P600A THRU P600M)
FIG.6- TYPICAL TRANSIENT THERMAL IMPEDANCE
1
0.01
0.1
10
100
0.1
10.0
1
100
T, PULSE DURATION, sec.
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
20
40
60
80
100
120
140
180 200
160
0
1.0
2.0
3.0
4.0
5.0
6.0
AMBIENT TEMPERATURE. ( C)
o
60 Hz RESISTIVE OR
INDUCTIVE LOAD
GROUND PLANE
1.0 X 1.0"
(25.4 X 25.4mm)
COPPER
SURFACE AREA
STANDARD P.C.B.
MOUNTING
0.375" (9.5mm) LEAD LENGTH
0.050"(1.27mm) min.
ALTERNATE
P.C.B. MOUNTING
FIG.2- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
20
40
60
80
100
120
140
180 200
160
0
5
10
15
20
25
30
LEAD TEMPERATURE. ( C)
o
60 Hz RESISTIVE OR
INDUCTIVE LOAD
L=0.125" (3.18mm)
L=0.25"
(6.35mm)
L=0.375"
(9.5mm)
L=0.625" (15.8mm)
BOTH LEADS
ATTACHED OF HEAT
SINKS WITH
LENGTH as
SHOWN, L
FIG.5- MAXIMUM REPETITIVE FORWARD
SURGE CURRENT
0.1
1
10
0
100
200
300
400
500
600
NUMBER OF CYCLES AT 60 Hz
8.3 SINGLE HALF SINE-WAVE
(JEDEC METHOD)
FIG.4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
0.4
0.6
0.8
1.0
1.2
1.4
1.6
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0.1
0.01
1
10
100
Tj=25 C
PULSE WIDTH-300 S
1% DUTY CYCLE
0
FIG.3- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0.1
0.01
1
10
100
Tj=125 C
0
Tj=25 C
0
Tj=100 C
0
1.1 x 1.0" (30 x 30mm)
COPPER PADS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com