Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2PAK Datasheet(PDF) 1 Page - Amkor Technology

Part # D2PAK
Description  D2PAK follows the JEDEC standard (TO-263) for high-power discrete products.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

D2PAK Datasheet(HTML) 1 Page - Amkor Technology

  D2PAK Datasheet HTML 1Page - Amkor Technology D2PAK Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Applications
D2PAK is suitable for high-power applications (over 100A available),
designed for low on-resistance and high-speed switching MOSFETs.
f
Motor drivers
f
Power supply circuits
f
DC-DC converters
f
Key applications for automotive in body, safety and lighting
Reliability Qualification
Amkor packages are assembled with proven reliable semiconductor
materials. All reliability testing includes:
f
JEDEC standard pre-conditioning except for high temperature storage
f
85°C/85% RH, 168 hours, IR reflow 260°C 3X
f
H3TRB: 85°C/85% RH, 1000 hours
f
uHAST: 130°C/85% RH, 96 hours
f
Temp cycle: -55°C to 150°C, 1000 cycles
f
High temp storage: 150°C, 1000 hours
Test Services
Amkor offers full turnkey business for all power discrete products with
the capability to test various types of power devices including MOSFETs,
intelligent power devices, etc.
f
Power discrete test capability
▷ DC
▷ Capacitance *1
▷ Rg *1
▷ Avalanche test
▷ Thermal resistance
f
Program conversion
f
Electrical failure analysis
f
Integrated test, marking, vision inspection and tape & reel services
*1 Sampling test only
D2PAK follows the JEDEC standard (TO-263) for high-power
discrete products.
D2PAK (TO-263)
DATA SHEET | POWER PRODUCTS
FEATURES
f
Low on-resistance and high-current
density due to thick Al wirebonding
f
Full turnkey available from wafer saw
through test and packing
f
Green materials: Pb-free plating and
halogen-free mold compound
UNDER DEVELOPMENT
f
Environmentally friendly die attach
Pb-free solder
PROCESS HIGHLIGHTS
f
Interconnect: Thick Al wirebonding
technology
f
Plating: 100% Matte Sn
f
Marking: Laser mark
f
100% Auto appearance check for
automotive grade


Similar Part No. - D2PAK

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
D2PAKPD CENTRAL-D2PAKPD Datasheet
678Kb / 3P
D2PAK Case
More results

Similar Description - D2PAK

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF10G02C-CTXU1-4L XFMRS-XF10G02C-CTXU1-4L Datasheet
143Kb / 2P
Complete the Combo P/N as follows
logo
Elite Semiconductor Mem...
M12L128324A2E ESMT-M12L128324A2E Datasheet
908Kb / 44P
JEDEC standard 3.3V power supply
logo
Sanyo Semicon Device
10TPB68MC SANYO-10TPB68MC Datasheet
103Kb / 2P
standard products corresponding to the diversification of the needs
logo
Elite Semiconductor Mem...
M12L16161A-2Q ESMT-M12L16161A-2Q Datasheet
712Kb / 28P
JEDEC standard 3.3V power supply
M12L64164A-2Y ESMT-M12L64164A-2Y Datasheet
1Mb / 45P
JEDEC standard 3.3V power supply
M12L64322A-2U ESMT-M12L64322A-2U Datasheet
811Kb / 46P
JEDEC standard 3.3V power supply
M12L128168A-2N ESMT-M12L128168A-2N Datasheet
692Kb / 46P
JEDEC standard 3.3V power supply
M12L2561616A-2S ESMT-M12L2561616A-2S Datasheet
917Kb / 44P
JEDEC standard 3.3V power supply
logo
Integrated Silicon Solu...
IS43LR16200C ISSI-IS43LR16200C Datasheet
1Mb / 42P
JEDEC standard 1.8V power supply
IS43LR32100C ISSI-IS43LR32100C Datasheet
1Mb / 42P
JEDEC standard 1.8V power supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com