Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QFN Datasheet(PDF) 2 Page - Amkor Technology

Part # QFN
Description  Silver Wirebonding
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

QFN Datasheet(HTML) 2 Page - Amkor Technology

  QFN Datasheet HTML 1Page - Amkor Technology QFN Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
With respect to the information in this document, Amkor makes no guarantee or warranty of its accuracy or that the use of such
information will not infringe upon the intellectual rights of third parties. Amkor shall not be responsible for any loss or damage of
whatever nature resulting from the use of, or reliance upon it and no patent or other license is implied hereby. This document does not
in any way extend or modify Amkor’s warranty on any product beyond that set forth in its standard terms and conditions of sale. Amkor
reserves the right to make changes in its product and specifications at any time and without notice. The Amkor name and logo are
registered trademarks of Amkor Technology, Inc. All other trademarks mentioned are property of their respective companies.
© 2022 Amkor Technology, Incorporated. All Rights Reserved. TS108E-EN Rev Date: 02/22
Visit amkor.com or email sales@amkor.com for more information.
Silver Wirebonding
Note: Numbers in the table above are based on wire diameter of 0.8 mil
Ag-Alloy
Au
Au PCC
Impact
Wire Cost
Lower Cost
Expensive
Lowest Cost
Au PCC And Ag-Alloy Wires Are Significantly Cheaper Than Au Wire
FAB Hardness
Soft
Soft
Hard
Harder Materials Cause Cratering, Bond Pad Crack
Process Windows
(Force, Power, Time)
Wide
Wide
Narrow
Wider Process Window Improves Manufacturability For Devices With
Fragile Bond Pad Structures
AI Splash
Minimal
Minimal
More
Less Aluminum Splash Is Better For Fine Pitch And Small BPO
Ultra-low Loop Capability
Excellent
Excellent
Limited
Ultra-low Loop Capability Allows Thinner Packages
Resistivity
Good
Better
Best
Lower Resistivity Is Better For High Current Carrying Applications
Ag-Alloy Wire Readiness
Ag-Alloy
Au
Au PCC
Physical Properties
Hardness (Hv)
Free Air Ball (EFO = 120 mA)
50~60
44~49
70~80
HAZ
50~60
44~49
55~65
Wire
60~70
49~55
60~70
HAZ Length (µm)
60~80
60~80
80~100
Density (g/cm2)
10.58
19.2
8.98
Elastic Modulus (Gpa)
60~70
80~90
90~100
Recrystallization Temp. (°C)
500~550
500~550
500~550
Melting Point (°C)
980~1010
1060~1080
1080~1100
Fusing Current (A, Length = 10 mm)
0.44
0.47
0.58
Resistivity (uΩ cm) @ 20°C
3.3
2.9
1.9
Thermal Conductivity (W/mk)
429
317
401
Coefficient Of Thermal Expansion (0 ~ 100°C, ×10-6/K)
19
14
17
Elongation (%)
2~12
2~7
3~17
Material Composition
Purity (%)
>95%
>99%
99.98
Properties of Different Wire Materials



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com