Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSVFBGA Datasheet(PDF) 3 Page - Amkor Technology

Part # PSVFBGA
Description  Bottom PoP Technologies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

PSVFBGA Datasheet(HTML) 3 Page - Amkor Technology

  PSVFBGA Datasheet HTML 1Page - Amkor Technology PSVFBGA Datasheet HTML 2Page - Amkor Technology PSVFBGA Datasheet HTML 3Page - Amkor Technology PSVFBGA Datasheet HTML 4Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Symbol
FBGA + PSvfBGA
Min
Max
Nom
A1 (Mounted, 0.5 Pitch)
0.180
0.280
0.230
A2 (4L Laminate)
0.260
0.340
0.300
B1 (Stacked, 0.65 Pitch), Single Die
0.270
0.330
0.300
B2 (Stacked, 0.65 Pitch), 2+0 Die
0.320
0.380
0.350
B3 (2L Laminate)
0.100
0.160
0.130
B4 (Mold Cap)
0.370
0.430
0.400
Overall Package Height
1.300
1.500
1.400
Cross Section PoP
PoP Overall Stack Up Table (mm)
PSvfBGA Top View
Cross Section PSvfBGA
A
B
C
D
E
Typical Wirecount
For Given
Package Size
Body Size
(mm)
Package Interconnect
Bottom Package
Ball Count
Nom
Die Size
(mm)
Package Interconnect
Ball Center To
Package Edge (mm)
Matrix
Ball Count
10
15
104
300
< 5.50
0.450
320
11
16
112
350
< 6.00
0.625
360
12
18
128
400
< 7.50
0.475
420
13
19
136
450
< 8.00
0.650
460
14
21
152
550
< 9.00
0.500
520
15
22
160
650
< 10.00
0.675
600
Dimensions are in line with JEDEC JC-11 standards for PoP packages in development
B - Based on 2 perimeter rows of interconnects at 0.65 mm pitch
C - Based on 4 perimeter rows of BGA balls to motherboard at 0.50 mm pitch
PSvfBGA Design Table For 0.65 mm Pitch 2 Row Stacked Interfaces
Package size
Top footprint
Bottom footprint
Max die size
A
B
C
D
Stacked Package
B4
A1
A2
B1
B2
B3
B4
A1
B3
A2
C
A
B
D
0.27 mm
E
B3
A2
B4
A1
B2
B1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com