Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERCSP Datasheet(PDF) 1 Page - Amkor Technology

Part # POWERCSP
Description  PowerCSP™ is an innovative chip scale power transistor package.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

POWERCSP Datasheet(HTML) 1 Page - Amkor Technology

  POWERCSP Datasheet HTML 1Page - Amkor Technology POWERCSP Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PowerCSP™ is an innovative chip scale power transistor package.
It has a simple structure, excellent electrical and thermal properties
and high-density form factor that suits the challenges of discrete or
integrated packaging.
PowerCSP™
DATA SHEET | POWER PRODUCTS
Applications
PowerCSP™ is suitable for power applications designed for low
on-resistance and high-speed-switching MOSFETs such as:
f
Telecom/Data centers
f
Electric and hybrid electric vehicles
f
DC/DC conversion
Reliability Qualification
f
Under development in 5 x 6 mm package body
Test Services
Amkor offers full turnkey business for all power discrete products with the
capability to test various types of power devices including MOSFETs, bipolar
transistors, IGBTs, diodes and regulator ICs/intelligent power devices.
f
Amkor power discrete test capability
▷ Static test (DC)
▷ Dynamic test (AC, switching/Trr, capacitance/Rg)
▷ Destruction test (inductive load/VSUS, latch up test,
surge, isolation/VIL)
▷ Thermal resistance (ΔVDS, ΔmV, etc.)
f
Program generation/conversion
f
Failure analysis
f
Available test/handling technology
f
Integrated marking, vision inspection and tape & reel services
Standard Materials
f
Leadframe: Bare copper (C19210)
f
Die attach: Ag adhesive, Ag sintering, solder or hybrid sintering material
f
Mold compound: Halogen free
Shipping
f
Tape and reel packing
▷ 3000 pcs per reel
▷ Tape width 12 mm
▷ Reel Ф = 330 mm
f
Barcode packing label
FEATURES
f
Low resistance/inductance packaging
f
Reduced form factor, Chip Scale
Package (CSP)
f
CMOS, GaN and SiC compatible
f
Integrated power building block
f
Reduced thermal and electrical
interfaces
f
Direct connection of the source or
drain to the PCB
f
High percent of conductive material
within the volume of the package of
30-70%
f
Low resistance (Rds), low inductance
(Lds) and good capacitive (Ciss)
performance compared to other
discrete packages
f
Custom and standard pin layouts in a
dual-sided power package
NEW DEVELOPMENTS
f
Simple package structure eliminates
clip and wire for a direct source/drain/
gate connection
f
Eliminates lossy interfaces compared
to traditional discrete packaging
f
Maximized source and drain
connectivity area


Similar Part No. - POWERCSP

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
POWER CABLE AXIOMTEK-POWER CABLE Datasheet
339Kb / 2P
2/4-port PCI Express GigE Frame Grabber Card
Apr. 29, 2024.
logo
Omega Engineering, Inc.
POWER CORD-SE OMEGA-POWER CORD-SE Datasheet
207Kb / 1P
REGULATED POWER SUPPLY FOR TRANSDUCERS AND BRIDGES ADJUSTABLE 4 TO 15 Vdc OUTPUT
logo
TE Connectivity Ltd
POWER RATIO TEC-POWER RATIO Datasheet
514Kb / 5P
SMD Current Sense Metal Chip Resistor
01/2015
logo
PowerData Technologies ...
POWER UNIT 0/4 POWERDATATECHNOLOGIES-POWER UNIT 0/4 Datasheet
172Kb / 1P
Modular under desk power & data products
POWER UNIT 1/2 POWERDATATECHNOLOGIES-POWER UNIT 1/2 Datasheet
172Kb / 1P
Modular under desk power & data products
More results

Similar Description - POWERCSP

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACDN1404C CALMIRCO-PACDN1404C Datasheet
51Kb / 3P
ESD PROTECTION ARRAYS, CHIP SCALE PACKAGE
PACDN2404C CALMIRCO-PACDN2404C Datasheet
52Kb / 3P
ESD PROTECTION ARRAYS, CHIP SCALE PACKAGE
CM1206 CALMIRCO-CM1206 Datasheet
222Kb / 7P
ESD Protection Arrays, Chip Scale Package
logo
Vishay Siliconix
FCSP1H40LTR VISHAY-FCSP1H40LTR Datasheet
123Kb / 5P
Chip Scale Package Schottky Barrier Rectifier
27-Mar-08
FCSP130LTR VISHAY-FCSP130LTR Datasheet
120Kb / 5P
Chip Scale Package Schottky Barrier Rectifier
02-Jul-08
FCSP230LTR VISHAY-FCSP230LTR Datasheet
123Kb / 5P
Chip Scale Package Schottky Barrier Rectifier
02-Jul-08
FCSP240LTR VISHAY-FCSP240LTR Datasheet
126Kb / 5P
Chip Scale Package Schottky Barrier Rectifier
27-Mar-08
logo
Lumileds Lighting Compa...
LHDF-RB10300000000 LUMILEDS-LHDF-RB10300000000 Datasheet
1Mb / 12P
Chip Scale Package LED
logo
STMicroelectronics
AN2657 STMICROELECTRONICS-AN2657 Datasheet
291Kb / 18P
An innovative verilog model for predicting
27-Nov-2007
logo
Xilinx, Inc
CS280 XILINX-CS280 Datasheet
47Kb / 1P
Ball Chip Scale Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com