Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQFN Datasheet(PDF) 1 Page - Amkor Technology

Part # PQFN
Description  The PQFN is a highly efficient space-saving package designed for a wide range of higher power applications.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

PQFN Datasheet(HTML) 1 Page - Amkor Technology

  PQFN Datasheet HTML 1Page - Amkor Technology PQFN Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET | POWER PRODUCTS
f
This package features
▷ Very-low parasitics and inductances resulting in world-class package
level RDS(on)
▷ Outstanding EMI behavior and excellent thermal performance
▷ Space-saving designs ranging from 3 x 3 mm to 8 x 8 mm
▷ Numerous multi-die, multi-clip with wire variations available
▷ Capable of supporting numerous GaN applications/solutions
▷ Green materials: Pb-free plating and halogen-free mold compound
Applications
PQFN is suitable for medium-power applications, designed for low
on-resistance and high-speed switching MOSFETs.
f
Servers
f
Portable electronic devices
f
Notebook PCs
f
Automotive
f
Telecom
f
Light Electric Vehicles (LEV)
f
Battery management
f
IoT
Test Services
Amkor offers full turnkey business for all power products, with the
capability to test various types of power devices including MOSFETs, bipolar
transistors, IGBTs, diodes and regulator IC/intelligent power devices.
f
Amkor power test systems
▷ ETS88
▷ ETS364
▷ ETS800
▷ PowerTech (typically targeted for discrete solutions)
▷ Test capability examples
⨠ Static test (DC)
⨠ Dynamic test (AC, switching/Trr, capacitance/Rg)
⨠ Destructiontest(inductiveload/VSUS,Ilatch,surge,isolation/VIL)
⨠ Thermal resistance (ΔVDS, ΔmV, etc.)
f
Program generation/conversion
f
Failure analysis
f
Full complement of handling technology
f
Integrated marking, vision inspection and tape & reel services
The PQFN (PowerQuad® Flat No-Lead) is a highly efficient space-
saving package designed for a wide range of higher power
applications. A “Smart Power” option in today’s power electronic
world, the PQFN is a step above the standard low-power sawn QFN
package, while being more flexible (IC control die integrated designs)
than other power discrete packages.
PQFN
PROCESS HIGHLIGHTS
f
Die attach: 55 µm thin die pick up
capability
f
Plating: 100% Matte Sn
f
Roughened copper leadframe with
selective Ag
f
Interconnect: Cu clip technology
for better thermal and electrical
performance
NEW DEVELOPMENTS
f
Wettable flank option available and
well suited to the automotive market
f
Package available with dual exposed
heatsink options
f
Thin wafer dicing with narrow saw
streets


Similar Part No. - PQFN

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
PQF-2E-500 MERRIMAC-PQF-2E-500 Datasheet
38Kb / 1P
90 POWER DIVIDER / COMBINER
logo
DOMINANT Semiconductors
PQF-SSG DOMINANT-PQF-SSG Datasheet
1Mb / 18P
PrimaxPlus
PQF-SSG-QR3-1 DOMINANT-PQF-SSG-QR3-1 Datasheet
1Mb / 18P
PrimaxPlus
logo
CUI INC
PQF20W-D CUI-PQF20W-D Datasheet
569Kb / 7P
DC-DC CONVERTER
06/29/2020
PQF20W-Q48-D512-D CUI-PQF20W-Q48-D512-D Datasheet
569Kb / 7P
DC-DC CONVERTER
06/29/2020
More results

Similar Description - PQFN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7343-2USRC ETC1-7343-2USRC Datasheet
87Kb / 5P
The series is specially designed for applications requiring higher brightness.
logo
Estek Electronics Co. L...
79LXX ESTEK-79LXX Datasheet
217Kb / 6P
fixed-voltage monolithic integrated-circuit voltage regulators is designed for a wide range of applications
logo
InterFET Corporation
1-6HOOL INTERFET-1-6HOOL Datasheet
1Mb / 4P
The 1-6H001 is a wide-temperature range
logo
List of Unclassifed Man...
EPM-PS1 ETC2-EPM-PS1 Datasheet
450Kb / 22P
The EPM-PS1 is a DC switching power supply designed for high reliability in a wide variety of applications.
WF15-40B410 ETC2-WF15-40B410 Datasheet
282Kb / 8P
Fork sensors for a wide range of applications
logo
STMicroelectronics
UM1479 STMICROELECTRONICS-UM1479 Datasheet
3Mb / 28P
The M24LR64-R is a dual interface EEPROM which targets a wide range of applications
24-Apr-2012
logo
List of Unclassifed Man...
ANT-DB1-LP-RM-01-N ETC2-ANT-DB1-LP-RM-01-N Datasheet
534Kb / 1P
The Antenna Factor Log Periodic antenna is designed for long-distance directional communication over a wide range of frequencies.
logo
Murata Manufacturing Co...
CSTCC2M00G56A-R0 MURATA-CSTCC2M00G56A-R0 Datasheet
185Kb / 3P
the series is available in a wide frequency range
logo
PHOENIX CONTACT
CRIMPFOX-M PHOENIX-CRIMPFOX-M Datasheet
98Kb / 6P
The variety of inserts makes it a space-saving universal tool for all applications
logo
List of Unclassifed Man...
28BYJ-48 ETC1-28BYJ-48 Datasheet
198Kb / 1P
The 28BYJ-48 is a small stepper motor suitable for a large range of applications.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com