Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P600B Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # P600B
Description  6.0 AMPS Silicon Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P600B Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  P600B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P600B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
P600A - P600M
6.0 AMPS Silicon Rectifiers
P-600
Features
High efficiency, Low VF
High current capability
High reliability
High surge current capability
Low power loss
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Pure tin plated, lead free. solderable
per MIL-STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode
High temperature soldering guaranteed:
260oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Weight: 0.07 ounce, 2.1 grams
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol P600A P600B P600D P600G P600J P600K P600M
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current at
TA=60
oC, 0.375”(9.5mm) Lead Length (Fig 1)
TL=60℃, 0.125”(3.1mm) Lead Length (Fig 2)
I(AV)
6.0
5.0
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
400
A
1.0
Maximum Instantaneous Forward Voltage @6.0A
@100A
VF
1.3
1.4
V
Maximum DC Reverse Current @ TA=25℃
at Rated DC Blocking Voltage @ TA=125℃
IR
5.0
1.0
uA
mA
Typical Junction Capacitance ( Note 1 )
Cj
110
pF
Typical Thermal Resistance (Note 2)
RθJA
RθJL
35
5.0
oC/W
Operating Junction and Storage Temperature
Range
TJ, TSTG
-50 to + 150
oC
Notes:
1. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
2. Mount on Cu-Pad Size 16mm x 16mm on P.C.B.


Similar Part No. - P600B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P600B PANJIT-P600B Datasheet
50Kb / 2P
HIGH CURRENT PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 6.0 Amperes)
logo
Transys Electronics
P600B TRSYS-P600B Datasheet
144Kb / 2P
HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Won-Top Electronics
P600B WTE-P600B Datasheet
36Kb / 3P
6.0A SILICON RECTIFIER
logo
Semtech Corporation
P600B SEMTECH-P600B Datasheet
127Kb / 2P
PLASTIC SILICON RECTIFIERS
logo
Dc Components
P600B DCCOM-P600B Datasheet
449Kb / 2P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
More results

Similar Description - P600B

ManufacturerPart #DatasheetDescription
logo
Surge Components
6A05 SURGE-6A05 Datasheet
125Kb / 2P
6.0 AMPS. SILICON RECTIFIERS????
logo
Jinan Gude Electronic D...
KBU600 JGD-KBU600 Datasheet
139Kb / 2P
SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
6A05 TSC-6A05 Datasheet
68Kb / 2P
6.0 AMPS. Silicon Rectifiers
6A05 TSC-6A05_1 Datasheet
243Kb / 2P
6.0 AMPS. Silicon Rectifiers
P600A TSC-P600A Datasheet
66Kb / 2P
6.0 AMPS Silicon Rectifiers
TS750 TSC-TS750 Datasheet
66Kb / 2P
6.0 AMPS. Silicon Rectifiers
logo
Yangzhou yangjie electr...
6A05 YANGJIE-6A05 Datasheet
55Kb / 2P
6.0 AMPS. SILICON RECTIFIERS
P600A-P6A05 YANGJIE-P600A-P6A05 Datasheet
854Kb / 2P
6.0 AMPS. SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
6A05 TSC-6A05_10 Datasheet
509Kb / 2P
6.0 AMPS. Silicon Rectifiers
logo
New Jersey Semi-Conduct...
6A05 NJSEMI-6A05 Datasheet
74Kb / 1P
6.0 AMPS. Silicon Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com