Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST24C02 Datasheet(PDF) 13 Page - SYC Electronica

Part # ST24C02
Description  SERIAL 2K (256 x 8) EEPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

ST24C02 Datasheet(HTML) 13 Page - SYC Electronica

Back Button ST24C02 Datasheet HTML 7Page - SYC Electronica ST24C02 Datasheet HTML 8Page - SYC Electronica ST24C02 Datasheet HTML 9Page - SYC Electronica ST24C02 Datasheet HTML 10Page - SYC Electronica ST24C02 Datasheet HTML 11Page - SYC Electronica ST24C02 Datasheet HTML 12Page - SYC Electronica ST24C02 Datasheet HTML 13Page - SYC Electronica ST24C02 Datasheet HTML 14Page - SYC Electronica ST24C02 Datasheet HTML 15Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
ORDERING INFORMATION SCHEME
Notes:
3 * Temperature range on special request only.
5 * Temperature range for ST24C02R only.
Parts are shipped with the memory content set at all "1’s" (FFh).
For a list of available options (Operating Voltage, Range, Package, etc...) refer to the current Memory
Shortform catalogue.
For further information on any aspect of this device, please contact the SGS-THOMSON Sales Office
nearest to you.
Operating Voltage
ST24C02
3V to 5.5V
ST24W02
3V to 5.5V
ST25C02
2.5V to 5.5V
ST25W02
2.5V to 5.5V
ST24C02R
1.8V to 5.5V
Range
Standard
Hardware Write Control
Standard
Hardware Write Control
Standard
Package
B
PSDIP8
0.25mm Frame
M
SO8 150mil Width
Temperature Range
1
0 to 70
°C
5 *
–20 to 85
°C
6
–40 to 85
°C
3 *
–40 to 125
°C
Option
TR
Tape & Reel
Packing
Example:
ST24C02
M
1
TR
13/16
ST24/25C02, ST24C02R, ST24/25W02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com