Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST24C08 Datasheet(PDF) 13 Page - SYC Electronica

Part # ST24C08
Description  8 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

ST24C08 Datasheet(HTML) 13 Page - SYC Electronica

Back Button ST24C08 Datasheet HTML 7Page - SYC Electronica ST24C08 Datasheet HTML 8Page - SYC Electronica ST24C08 Datasheet HTML 9Page - SYC Electronica ST24C08 Datasheet HTML 10Page - SYC Electronica ST24C08 Datasheet HTML 11Page - SYC Electronica ST24C08 Datasheet HTML 12Page - SYC Electronica ST24C08 Datasheet HTML 13Page - SYC Electronica ST24C08 Datasheet HTML 14Page - SYC Electronica ST24C08 Datasheet HTML 15Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
ORDERING INFORMATION SCHEME
Notes: 1. Temperature range on special request only.
Devices are shipped from the factory with the memory content set at all "1’s" (FFh).
For a list of available options (Operating Voltage, Package, etc...) or for further information on any aspect
of this device, please contact the STMicroelectronics Sales Office nearest to you. to you.
Operating Voltage
ST24C08
3V to 5.5V
ST24W08
3V to 5.5V
ST25C08
2.5V to 5.5V
ST25W08
2.5V to 5.5V
Range
Standard
Hardware Write Control
Standard
Hardware Write Control
Package
B
PSDIP8
0.25mm Frame
M
SO8 150mil Width
Temperature Range
1
0 to 70
°C
5
(1)
–20 to 85
°C
6
–40 to 85
°C
3
–40 to 125
°C
Option
TR
Tape & Reel
Packing
Example:
ST24C08
M
1
TR
13/16
ST24/25C08, ST24/25W08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com