Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD12VL1BCSL Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PESD12VL1BCSL
Description  ESD protection device
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD12VL1BCSL Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PESD12VL1BCSL Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD12VL1BCSL Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD12VL1BCSL Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD12VL1BCSL Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD12VL1BCSL Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD12VL1BCSL Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD12VL1BCSL Datasheet HTML 9Page - Nexperia B.V. All rights reserved PESD12VL1BCSL Datasheet HTML 10Page - Nexperia B.V. All rights reserved PESD12VL1BCSL Datasheet HTML 11Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Nexperia
PESD12VL1BCSL
ESD protection device
11. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOD882-S1
- - -
sod882-s1_po
21-05-09
21-05-18
Unit
mm
max
nom
min
0.45
A
Dimensions (mm are the original dimensions)
D
0.65
0.55
E1
1.05
E
0.52
0.95
0.65
0.55
0.42
D1
0.37
0.27
L
0.35
Note
1. The marking bar indicates the cathode.
SOD882-S1
DFN1006-2: plastic, leadless ultra small outline package; 2 terminals;
0.60 mm pitch; 1 mm x 0.6 mm x 0.4 mm body
E
D
A
L (2x)
E1
D1 (2x)
0
scale
1.0 mm
0.5
1
2
Indication
of Cathode
(1)
Fig. 10. Package outline DFN1006-2 (SOD882-S1)
PESD12VL1BCSL
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
16 October 2024
7 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com