Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1GL Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # S1GL
Description  1.0 AMP. Surface Mount Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S1GL Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  S1GL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S1GL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
- 454 -
Version: B07
S1AL - S1ML
1.0 AMP. Surface Mount Rectifiers
Sub SMA
Features
For surface mounted application
Glass passivated junction chip.
Low-Profile Package
Ideal for automated placement
Low power loss, high efficiency
High temperature soldering:
260oC / 10 seconds at terminals
Mechanical Data
Case: Sub SMA plastic case
Terminal : Pure tin plated, lead free.
Polarity: Color band denotes cathode
Packaging: 12mm tape per EIA STD RS-481
Weight: approx. 15mg
Marking code refer to Note 3.
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbo
l
S1AL S1BL S1DL S1GL S1JL S1KL S1ML
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Marking Code (Note 3)
1ALYM 1BLYM 1DLYM 1GLYM 1JLYM 1KLYM 1MLYM
Maximum Average Forward Rectified Current
@TL =110
oC
@ Ttp =75
oC 20ms Square pulse
I(AV)
1.0
1.5
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage
@ 1.0A
VF
1.1
V
Maximum DC Reverse Current @ TA =25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
5
50
uA
uA
Typical ERSM @ L=120mH, Ta=150
℃
ERSM
7
mJ
Typical Junction Capacitance ( Note 1 )
Cj
9
pF
Maximum Reverse Recovery Time(Note 4)
Trr
1.8
uS
Typical Thermal Resistance (Note 2)
RθJL
RθJA
25
85
30
85
oC /W
Operating Temperature Range
TJ
-55 to +150
oC
Storage Temperature Range
T
STG
-55 to +150
oC
Notes:
1. Measured at 1 MHz and Applied VR=4.0 Volts.
2. Measured on P.C. Board with 0.2” x 0.2” (5.0mm x 5.0mm) Copper Pad Areas.
3. 1ALYM: 1=1A, A=50V, L-Low Profile, Y-Year Code, M-Month Code
4. Reverse Recovery Time Condition: IF=0.5A, IR=1.0A, IRR=0.25A.


Similar Part No. - S1GL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S1GL TSC-S1GL Datasheet
49Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1GL TSC-S1GL Datasheet
548Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1GL TSC-S1GL Datasheet
190Kb / 2P
1.0AMP Surface Mount Rectifiers
logo
Guangdong Kexin Industr...
S1GL KEXIN-S1GL Datasheet
795Kb / 2P
Rectifier Diodes
logo
Rugao Dachang Electroni...
S1GL DACHANG-S1GL Datasheet
128Kb / 2P
Surface Mount General Rectifier
More results

Similar Description - S1GL

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
GS1A JGD-GS1A Datasheet
149Kb / 2P
1.0 AMP. SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
S1AL TSC-S1AL Datasheet
49Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1A TSC-S1A_1 Datasheet
132Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1AB TSC-S1AB_1 Datasheet
248Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1AS TSC-S1AS Datasheet
577Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1AB TSC-S1AB_10 Datasheet
509Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1AL TSC-S1AL_10 Datasheet
548Kb / 2P
1.0 AMP. Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4001 MAKOSEMI-1N4001 Datasheet
97Kb / 2P
1.0 AMP. Surface Mount Rectifiers
1N4002 MAKOSEMI-1N4002 Datasheet
97Kb / 2P
1.0 AMP. Surface Mount Rectifiers
1N4005 MAKOSEMI-1N4005 Datasheet
97Kb / 2P
1.0 AMP. Surface Mount Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com