Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC249A Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # TMC249A
Description  High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnostics and SPI Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TMC249A Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button TMC249A Datasheet HTML 17Page - List of Unclassifed Manufacturers TMC249A Datasheet HTML 18Page - List of Unclassifed Manufacturers TMC249A Datasheet HTML 19Page - List of Unclassifed Manufacturers TMC249A Datasheet HTML 20Page - List of Unclassifed Manufacturers TMC249A Datasheet HTML 21Page - List of Unclassifed Manufacturers TMC249A Datasheet HTML 22Page - List of Unclassifed Manufacturers TMC249A Datasheet HTML 23Page - List of Unclassifed Manufacturers TMC249A Datasheet HTML 24Page - List of Unclassifed Manufacturers TMC249A Datasheet HTML 25Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
TMC249 / TMC249A DATA SHEET (V2.02 / Aug 12th, 2005)
21
Copyright © 2005, TRINAMIC Motion Control GmbH & Co KG
DC Characteristics
DC characteristics contain the spread of values guaranteed within the specified supply voltage and
temperature range unless otherwise specified. Typical characteristics represent the average value of
all parts.
Logic supply voltage:
VCC = 3.0 V ... 5.5 V,
Junction temperature:
TJ = -40°C … 140°C,
Bridge supply voltage : VS = 7 V…34 V
(unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ILDON
Gate drive current
low side switch ON (non-A-type)
VLD < 4V
10
15
25
mA
ILDOFF5
Gate drive current
low side switch OFF (non-A-
type)
VLD > 3V
VCC = 5V
-15
-25
-35
mA
ILDOFF3
Gate drive current
low side switch OFF (non-A-
type)
VLD > 3V
VCC = 3.3V
-10
-15
-20
mA
ILDON
Gate drive current
low side switch ON (A-type)
VS > 8V, RSLP= 0K
VLD < 4V
15
25
40
mA
ILDOFF
Gate drive current
low side switch OFF (A-type)
VS > 8V, RSLP= 0K
VLD > 4V
-15
-25
-40
mA
IHDON
Gate drive current
high side switch ON
VS > 8V, RSLP= 0K
VS - VHD < 4V
-15
-25
-40
mA
IHDOFF
Gate drive current
high side switch OFF
VS > 8V, RSLP= 0K
VS - VHD > 4V
15
30
40
mA
∆I
SET
Deviation of Current Setting with
Respect to Characterization
Curve
1)
Deviation from
standard value,
10k
Ω<R
SLP<75kΩ
70
100
130
%
VGH1
Gate drive voltage high side ON
VS > 8V
relative to VS
-5.1
-6.0
-8.0
V
VGL1
Gate drive voltage low side ON
VS > 8V
5.1
6.0
8.0
V
VGH0
Gate drive voltage high side
OFF
relative to VS
0
-0.5
V
VGL0
Gate drive voltage low side OFF
0
0.5
V
VGCL
Gate driver clamping voltage
-IH / IL = 20mA
12
16
20
V
VGCLI
Gate driver inverse clamping
voltage
-IH / IL = -20mA
-0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com