Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAV99
Description  Plastic-Encapsulate Switching Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV99 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAV99 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV99 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAW56/BAV70/BAV99
Plastic-Encapsulate Switching Diodes
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
Features
Fast switching speed
Surface mount package ideally suited for
automatic insertion
For general purpose switching applications
High conductance
Mechanical Data
Case: SOT-23, Molded plastic
Terminals: Solderable per MIIL-STD-202,
Method 208
Polarity: See diagram
Marking: BAW56: A1, BAV70: A4,
BAV99: A7
Weight: 0.008 gram (approx.
)
SOT-23
Dimensions in inches and (millimeters)
Maximum Ratings
TA=25℃ unless otherwise specified
Type Number
Symbol
BAW56/BAV70/BAV99
Units
Reverse Voltage
VR
70
V
Forward Current
IF
200
mA
Peak Forward Surge Current
IFM(surge)
500
mA
Power Dissipation
PD
225
mW
Thermal Resistance Junction to Ambient Air
RθJA
556
oC/W
Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-55 to 150
oC
Electrical Characteristics
Type Number
Symbol
Min
Max
Units
Reverse Breakdown Voltage
IR=100uA
VR
70
V
Forward Voltage
IF=1.0mA
IF= 10mA
IF = 50mA
IF=150mA
VF
-
0.715
0.855
1.0
1.25
V
Reverse Current
VR=70V
IR
2.5
uA
Capacitance between terminals VR=0, f=1.0MHz
Cj
-
1.5
pF
Reverse Recovery Time (Note 1)
trr
-
6.0
nS
Note 1: Reverse Recovery Test Conditions: IF=IR=10mA, Irr=0.1 x IR, RL=100Ω.
Version: A07


Similar Part No. - BAV99

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV99 PANJIT-BAV99 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV99 PHILIPS-BAV99 Datasheet
56Kb / 12P
High-speed double diode
1999 May 11
logo
Vishay Siliconix
BAV99 VISHAY-BAV99 Datasheet
53Kb / 4P
Dual Surface Mount Switching Diode
06-Aug-99
logo
Won-Top Electronics
BAV99 WTE-BAV99 Datasheet
46Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Zowie Technology Corpor...
BAV99 ZOWIE-BAV99 Datasheet
51Kb / 2P
DUAL SERIES SWITCHING DIODE
More results

Similar Description - BAV99

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS422S SECOS-SCS422S Datasheet
501Kb / 2P
High Speed Switching Diodes Plastic-Encapsulate Diodes
MMSD914 SECOS-MMSD914_15 Datasheet
165Kb / 2P
Plastic-Encapsulate Switching Diodes
logo
WILLAS ELECTRONIC CORP
SCS421DS WILLAS-SCS421DS Datasheet
448Kb / 4P
Plastic-Encapsulate Diodes FAST SWITCHING DIODE
logo
GUANGDONG HOTTECH INDUS...
BAV19W HOTTECH-BAV19W Datasheet
350Kb / 2P
Plastic-Encapsulate Diodes
SD103AW HOTTECH-SD103AW Datasheet
160Kb / 2P
Plastic-Encapsulate Diodes
MMBZ52XXB HOTTECH-MMBZ52XXB Datasheet
416Kb / 3P
Plastic-Encapsulate Diodes
logo
WILLAS ELECTRONIC CORP
BAS70 WILLAS-BAS70 Datasheet
719Kb / 6P
Plastic-Encapsulate Switching Diodes
logo
SeCoS Halbleitertechnol...
MMSD914 SECOS-MMSD914 Datasheet
165Kb / 2P
Plastic-Encapsulate Switching Diodes
logo
First Silicon Co., Ltd
FDS160ULP FS-FDS160ULP Datasheet
283Kb / 2P
ULP-2 Plastic-Encapsulate Switching Diodes
logo
Guangdong Youtai Semico...
1SS193 UMW-1SS193 Datasheet
399Kb / 3P
Switching Diodes SOT-23 Plastic-Encapsulate Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com