Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAC45 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SAC45
Description  Low Capacitance Transient Voltage Suppressor Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SAC45 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SAC45 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SAC45 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SAC45 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SAC45 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
- 639 -
Schematic
Diode
Translent
Voltage
Suppressor
Low Capacitance
TVS
ELECTRICAL CHARACTERISTICS (TA=25
OC unless otherwise noted)
Test
Stand-Off
Maximum
Maximum
Maximum
Maximum
Device
Current
Voltage
Reverse Leakage
Peak Pulse
Clamping
Temperature
(Volts)
(Note 1)
@IT
VWM
at VWM
Current IPPM
Voltage at IPPM
Coefficient
Min
Max
(mA)
(Volts)
ID (uA)
(Note 2)(Amps)
VC(Volts)
of VBR mV /
OC)
SAC5.0
7.60
9.21
1.0
5.0
300
44
10.00
50
SAC6.0
7.90
9.51
1.0
6.0
300
41
11.2
50
SAC7.0
8.33
10.2
1.0
7.0
300
38
12.6
50
SAC8.0
8.89
10.9
1.0
8.0
100
36
13.4
50
SAC8.5
9.44
11.5
1.0
8.5
50
34
14.0
50
SAC10
11.10
13.6
1.0
10
5.0
29
16.3
50
SAC12
13.30
16.3
1.0
12
5.0
25
19.0
50
SAC15
16.70
20.4
1.0
15
5.0
20
23.6
50
SAC18
20.00
24.4
1.0
18
5.0
15
28.8
50
SAC22
24.40
29.8
1.0
22
5.0
14
35.4
50
SAC26
28.90
35.3
1.0
26
5.0
11.1
42.3
50
SAC30
33.30
40.7
1.0
30
5.0
10.0
48.6
50
SAC36
40.00
48.9
1.0
36
5.0
8.6
60.0
50
SAC45
50.00
61.1
1.0
45
5.0
6.8
77.0
50
SAC50
55.50
68.3
1.0
50
5.0
5.8
88.0
50
Note: There are A suffix for types SAC 5.0 thru type SAC 50. "A" : + / - 5% tolerance.
Notes:
1.
2. Device must be used with two units in parallel,
opposite in polarity as shown in circuit for AC
signal line protection
Breakdown Voltage
VBR



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com