Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-SWIFT Datasheet(PDF) 1 Page - Amkor Technology

Part # S-SWIFT
Description  Substrate-SWIFT (S-SWIFT) technology is revolutionizing the world of advanced packaging.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

S-SWIFT Datasheet(HTML) 1 Page - Amkor Technology

  S-SWIFT Datasheet HTML 1Page - Amkor Technology S-SWIFT Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Package Structure
f
Fan-out package flip-chip
mounted on a high pin count
BGA substrate
f
RDL facilitates shorter D2D
interconnections between
multiple chips
Chip Integration
f
Integrates multiple chiplets
within a single package
f
Chiplets can be different
functional units, such as ASICs
or HBMs
Interposer-less Design
f
Eliminates the need for an
interposer, reducing complexity
and costs
Electrical Performance
f
Offers excellent electrical
performance due to shorter D2D
connections
f
Features less insertion loss,
better impedance control, and
lower warpage
High I/O Density
f
Supports high I/O counts (>1000)
f
Ideal for large package sizes and
networking/server applications
Substrate-SWIFT (S-SWIFT) technology, also known as Silicon Wafer
Integrated Fan-Out (on Substrate), is revolutionizing the world
of advanced packaging. By boosting I/O and circuit density while
shrinking the footprint and profile, S-SWIFT is the go-to solution for
both single-die and multi-die applications, perfectly aligning with the
escalating demand for higher IC integration in mobile and networking
devices.
S-SWIFTTM Technology
TECHNOLOGY SOLUTIONS
S-SWIFT stands out as a game-changer in heterogeneous IC packaging,
enabling high-performance, cost-effective integration of multiple chiplets
and memories. This technology not only increases I/O and circuit density
but also paves the way for advanced 3D structures, making it indispensable
for the next generation of mobile and networking applications.
Fan-Out Meets Substrate
An innovative alternative to 2.5D TSV, S-SWIFT is a fan-out package that
enhances chip performance and reduces costs. By flip-chip mounting chips
onto a high pin count ball grid array (BGA) substrate, and incorporating a
re-distribution layer (RDL) for shorter die-to-die (D2D) interconnections,
S-SWIFT treats the entire fan-out package as a single die. This intelligent
design is then mounted onto the BGA substrate, offering a cost-effective
alternative to traditional 2.5D Through Silicon Via (TSV) technology.A key
feature of S-SWIFT is its re-distribution layer (RDL), which enables shorter
die-to-die (D2D) interconnections between multiple chips. This design
effectively treats the entire fan-out package as a single die, which is then
mounted onto the BGA substrate.
By integrating these advanced features, S-SWIFT offers a cost-effective
alternative to traditional 2.5D Through Silicon Via (TSV) technology.
Key Features
S-SWIFTTM PACKAGING
CONSIDERATIONS
S-SWIFT is a revolutionary technology
transforming the semiconductor
industry. This advanced packaging
technology enables high-density
fan-out (HDFO), providing superior
performance, reliability and
cost-effectiveness.
FEATURES
f
Polymer dielectrics
f
Multi-die and large die capability
f
Large body package capability
f
High-density interconnects
f
Miniaturization
f
Cost efficiency
f
Thermal management
f
Integration flexibility
APPLICATIONS
f
High Performance Computing (HPC)
f
Heterogeneous integrarion
f
Functional chip integration (CPU/GPU)
f
System-on-Chip (SoC) partitioning
f
Multi-die configurations
f
3D PoP-compatible applications
f
High-performance mobile application
processors and baseband devices


Similar Part No. - S-SWIFT

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
S-S210B LEIDITECH-S-S210B Datasheet
540Kb / 3P
Schottky diode for automotive applications
S-S35B LEIDITECH-S-S35B Datasheet
1Mb / 3P
Schottky diode for automotive applications
logo
Tyco Electronics
S-SE MACOM-S-SE Datasheet
370Kb / 5P
Compact Slide Switches
logo
Keysight Technologies
S-SERIES KEYSIGHT-S-SERIES Datasheet
4Mb / 42P
Infiniium S-Series High-Definition Oscilloscopes
logo
Ohmite Mfg. Co.
S-SERIES OHMITE-S-SERIES Datasheet
502Kb / 2P
High Current Shunts
More results

Similar Description - S-SWIFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5410 TI-TPS5410 Datasheet
71Kb / 4P
SWIFT Converter Product Portfolio
TPS54327EVM-686 TI1-TPS54327EVM-686 Datasheet
298Kb / 16P
3-A, SWIFT??Regulator Evaluation Module
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
The RFPO45 is from the world?셲 smallest and first
logo
Texas Instruments
TPS53353 TI1-TPS53353_16 Datasheet
1Mb / 37P
Synchronous Buck SWIFT Converter
TPS53355 TI1-TPS53355_16 Datasheet
1Mb / 37P
Synchronous Buck SWIFT Converter
TPS56221 TI1-TPS56221_16 Datasheet
1Mb / 32P
Synchronous Buck SWIFT Converter
TPS54618-Q1 TI1-TPS54618-Q1_16 Datasheet
1Mb / 42P
Synchronous Step-Down SWIFT Switcher
TPS548A20 TI1-TPS548A20 Datasheet
1Mb / 36P
15-A Synchronous Step-Down SWIFT Converter
logo
PEAK electronics GmbH
P6BUKU-3R33R3ELF PEAK-P6BUKU-3R33R3ELF Datasheet
454Kb / 5P
THE WORLD OF DC/DC-CONVERTERS
P6CULU-3R33R3ELF PEAK-P6CULU-3R33R3ELF Datasheet
467Kb / 6P
THE WORLD OF DC/DC-CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com