Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP Datasheet(PDF) 3 Page - Amkor Technology

Part # SIP
Description  SiPs as multi-component, multifunction products in an IC package.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

SIP Datasheet(HTML) 3 Page - Amkor Technology

  SIP Datasheet HTML 1Page - Amkor Technology SIP Datasheet HTML 2Page - Amkor Technology SIP Datasheet HTML 3Page - Amkor Technology SIP Datasheet HTML 4Page - Amkor Technology SIP Datasheet HTML 5Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Unshielded SiP
Near Field Conformal Shielding Performance Measurements From 100 MHz
to 6 GHz
AiP/AoP (5G NR) SiP Solutions
Millimeter wave radio design with beam forming and array antenna will be used in varieties of advanced SiP products
for 5G cellular system. Millimeter electromagnetic wave design is imposing a new challenge for the system designers,
components and SiP packaging engineers.
Key Amkor Packaging Technologies for AiP/AoP
f
Greater than 40 GHz achieved
f
Compartmental shielding using vertical and gage wires
f
Partial (selective) conformal shielding
f
Partial molding
f
Substrate layer counts: Up to 14 layers
f
Low loss and low dielectric constant substrate
System in Package Technology
x (mm)
Unshielded DUT – Ex magnitude maximum radiation
SiP With Sputter Conformal Shielding
x (mm)
3 µm Cu – Ex maximum radiation



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com