Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSSOP Datasheet(PDF) 1 Page - Amkor Technology

Part # TSSOP
Description  TSSOP (Thin Shrink Small Outline Package) and MSOP (Mini Small Outline Package) are leadframe based, plastic encapsulated packages
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

TSSOP Datasheet(HTML) 1 Page - Amkor Technology

  TSSOP Datasheet HTML 1Page - Amkor Technology TSSOP Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TSSOP (Thin Shrink Small Outline Package) and MSOP (Mini Small
Outline Package) are leadframe based, plastic encapsulated packages
that are well suited for applications requiring less than 1 mm
mounted height. These industry standard packages run in very high
volume and provide a value added, low-cost solution for a wide range
of applications.
TSSOP/MSOP
DATA SHEET | LEADFRAME PRODUCTS
Thermal Performance
Forced Convection, Single-Layer PCB
Package
Body Size
(mm)
θJA at (°C/W) by Velocity (LFPM)
0
200
500
16 Ld
4.4 x 5.0
137.1
118.2
106.8
20 Ld
4.4 x 6.5
114.5
98.0
88.0
Forced Convection, Multi-Layer PCB
Package
Body Size
(mm)
θJA at (°C/W) by Velocity (LFPM)
0
200
500
16 Ld
4.4 x 5.0
89.0
81.8
78.1
20 Ld
4.4 x 6.5
73.2
66.6
63.5
Electrical Performance
Simulated Results @ 100 MHz
Package
Body Size
(mm)
Lead
Inductance
(nH)
Capacitance
(pF)
Resistance
(mΩ)
8 Ld
4.4 x 3.0
Longest
Shortest
1.470
0.725
0.224
0.177
13.7
7.5
28 Ld
4.4 x 9.7
Longest
Shortest
2.100
0.713
0.368
0.180
16.1
6.8
Reliability Qualification
Amkor package qualification uses three independent production lots and a
minimum of 77 units per test group. All testing includes JSTD-020 moisture
preconditioning.
f
Moisture sensitivity characterization
▷ 3 x 3 mm/4.4 mm, 8/10L: JEDEC level 1, 85°C/85% RH, 168 hours
▷ Other than 8/10L: JEDEC level 3, 30°C/60% RH, 192 hours
f
uHAST: 130°C/85% RH, no bias, 96 hours
f
Temp cycle: -65°C/+150°C, 500 cycles
f
High temp storage: 150°C, 1000 hours
JEDEC standard test boards
FEATURES
f
Cu wire interconnect for lowest cost
f
Standard JEDEC package outlines
f
Multi-die production capability
f
Turnkey test services, including strip
test options
f
Available in ExposedPad configuration
(Ref: DS571)
f
Green materials are standard –
Pb-free and RoHS compliant
f
Stealth dicing (narrow saw streets)
f
Larger/Higher density leadframe strips
f
Leadframe roughening for improved
MSL capability
PROCESS HIGHLIGHTS
f
Au plated PCC wire is standard,
Au and Ag wire available
f
Wafer backgrinding services available
f
Multiple die and die stacking capability
f
NiPdAu (PPF) lead finish is standard,
matte Sn is optional
f
Laser mark on package body


Similar Part No. - TSSOP

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
TSSOP AMKOR-TSSOP Datasheet
780Kb / 3P
ExposedPad (ePad) TSSOP, MSOP, SOIC and SSOP are leadframe based
12/21
TSSOP AMKOR-TSSOP Datasheet
411Kb / 2P
Silver Wirebonding
02/22
logo
TT Electronics.
TSSOP TTELEC-TSSOP Datasheet
562Kb / 4P
Surface Mount TSSOP Resistor Networks
08.21
logo
Diodes Incorporated
TSSOP-14 DIODES-TSSOP-14 Datasheet
188Kb / 14P
SUGGESTED PAD LAYOUT
Rev 43
TSSOP-14 DIODES-TSSOP-14 Datasheet
404Kb / 27P
SUGGESTED PAD LAYOUT
Rev 52
More results

Similar Description - TSSOP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SSOP24 STMICROELECTRONICS-SSOP24 Datasheet
59Kb / 4P
24-LEAD SHRINK SMALL OUTLINE PACKAGE
Nov-2002
logo
National Semiconductor ...
MTD48 NSC-MTD48 Datasheet
62Kb / 1P
48 Lead Molded Thin Shrink Small Outline Package, JEDEC
logo
Intersil Corporation
M24.173B INTERSIL-M24.173B Datasheet
42Kb / 1P
Thin Shrink Small Outline Wxposed Pad Plastic Packages ( EPTSSOP)
logo
fujitsu semiconductor
FPT-20P-M04 FUJITSU-FPT-20P-M04 Datasheet
37Kb / 1P
THIN SHRINK SMALL OUTLINE PACKAGE
logo
Amkor Technology
CSSOP AMKOR-CSSOP Datasheet
304Kb / 1P
Ceramic Shrink Small Outline Package
logo
ACCUTEK MICROCIRCUIT CO...
AK08D300 ACCUTEK-AK08D300_12 Datasheet
68Kb / 2P
Micro Small Outline Package MSOP DIP Adapters
logo
Advanced Power Electron...
AP2306AGEN-HF A-POWER-AP2306AGEN-HF_14 Datasheet
101Kb / 4P
Small Outline Package
AP2318AGEN-HF A-POWER-AP2318AGEN-HF_14 Datasheet
64Kb / 4P
Small Outline Package
logo
Amkor Technology
SSOP AMKOR-SSOP Datasheet
433Kb / 2P
Shrink Small Outline, Quarter-Size Small-Outline Packages
logo
Guangdong Youtai Semico...
LM75B UMW-LM75B Datasheet
312Kb / 23P
plastic thin shrink small outline package; 8 leads;
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com