Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA64 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SA64
Description  Transient Voltage Suppressor Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SA64 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SA64 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SA64 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SA64 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SA64 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SA64 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
- 632 -
SA SERIES
Transient Voltage Suppressor Diodes
Voltage Range
5.0 to 170 Volts
500 Watts Peak Power
1.0 Watt Steady State
Features
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
500W surge capability at 10 X 10us waveform, duty cycle:
0.01%
Excellent clamping capability
Low zener impedance
Fast response time: Typically less than 1.0ps from 0 volts to
VBR for unidirectional and 5.0 ns for bidirectional
Typical IR less than 1
μA above 10V
High temperature soldering guaranteed: 260°C / 10 seconds
/ .375”,(9.5mm) lead length / 5lbs.,(2.3kg) tension
Mechanical Data
Case: Molded plastic
Lead: Axial leads, solderable per MIL-STD-
Lead: 202, Method 208
Polarity: Color band denotes cathode except
bipolar
Weight: 0.34 gram
DO-15
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Type Number
Symbol
Value
Units
Peak Power Dissipation at TA=25
OC, Tp=1ms
(Note 1)
PPK
Minimum 500
Watts
Steady State Power Dissipation at TL=75 °C
Lead Lengths .375”, 9.5mm (Note 2)
PD
1.0
Watts
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method) (Note 3)
IFSM
70
Amps
Maximum Instantaneous Forward Voltage at
35.0A for Unidirectional Only
VF
3.5
Volts
Operating and Storage Temperature Range
TJ, TSTG
-55 to + 175
°C
Notes: 1. Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25
OC Per Fig. 2.
Notes: 2. Mounted on Copper Pad Area of 1.6 x 1.6” (40 x 40 mm) Per Fig. 5.
Notes: 3. 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per Minutes
Notes: 3. Maximum.
Devices for Bipolar Applications
Notes: 1. For Bidirectional Use C or CA Suffix for Types SA5.0 through Types SA170.
Notes: 2. Electrical Characteristics Apply in Both Directions.


Similar Part No. - SA64

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA64 PANJIT-SA64 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA64 WTE-SA64 Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA64 BYTES-SA64 Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA64 DCCOM-SA64 Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SA64 EIC-SA64 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA64

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com