Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR107S Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # FR107S
Description  1.0 AMP. Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

FR107S Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  FR107S Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd FR107S Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (FR101S THRU FR107S)
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50
NONINDUCTIVE
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
Version: A06
FIG.3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
2
4
6
8
10
20
100
40
60 80
20
10
0
40
50
30
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
FIG.4- TYPICAL JUNCTION CAPACITANCE
1
2
4
6
10
100
60
40
20
REVERSE VOLTAGE. (V)
Tj=25 C
0
10
1
30
50
90
20
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
25
0
50
75
100
125
150
175
0.5
0
0.25
0.75
1.0
AMBIENT TEMPERATURE. ( C)
o
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375" (9.5mm)
Lead Length
FIG.5- TYPICAL FORWARD CHARACTERISTICS
1.6
1.8
0.4
0.6
0.8
1.0
1.2
1.4
0.03
0.1
0.3
1
10
20
3
0.01
FORWARD VOLTAGE. (V)
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
FIG.2- TYPICAL REVERSE CHARACTERISTICS
PER LEG
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
1000
100
10
1.0
0.1
Tj=125 C
0
Tj=25 C
0
Tj=75 C
0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com