Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3F60 Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # M3F60
Description  Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

M3F60 Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  M3F60 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd M3F60 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
・Sine wave は 50Hz で測定しています。
・50Hz sine wave is used for measurements.
・半導体製品の特性は一般的にバラツキを持っております。Typical は統計的な実力を表しています。
・Semiconductor products generally have characteristic variation. Typical is a statistical average
of the device’s ability.
M3F60
■特性図 CHARACTERISTIC DIAGRAMS
Forward Voltage
順方向特性
Forward Voltage VF〔V〕
10
1
0.1
02
1
1.5
0.5
Forward Power Dissipation
順電力損失曲線
Average Rectified Forward Current IO〔A〕
3.5
0
1.5
1
0.5
2.5
2
3
0
2.5
3
2
1.5
1
0.5
Peak Surge Forward Current Capability
せん頭サージ電流耐量
Number of Cycles
60
80
100
0
40
20
1
10
100
〔
〔
non-repetitive
Tj=25℃
1cycle
10ms 10ms
sine wave
0
Derating Curve Ta−Io
ディレーティングカーブ
Ta−Io
Ambient Temperature Ta
〔℃〕
1
0.5
2.5
2.5
2
1.5
0
1
0.5
2.5
3
2
1.5
3.5
0
0
40
80
120
160
Tl =150℃
〔TYP〕
Tl =25℃
〔TYP〕
Derating Curve T
l ーIo
ディレーティングカーブ
T
l ーIo
Lead Temperature Tl〔℃〕
20
40
60
80
100
120
140
20
60
100
140
160
0
sine wave
R - load
sine wave
R - load
sine wave
Tj=150℃
on glass-epoxy substrate
Soldering land 1.8×2.3 mm
conductor layer 35μ
Pattern area 2320 mm2
on glass-epoxy substrate
Soldering land 1.8×2.3 mm
conductor layer 35μ
Pattern area 2320 mm2
〔
〔Pulsemeasurement
〔
〔
〔
〔
205
www.shindengen.co.jp/product/semi/
(J 514 - 6)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com