Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1001 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # GP1001
Description  10.0 AMPS. Glass Passivated Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

GP1001 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  GP1001 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd GP1001 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 551 -
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
2
5
10
20
100
50
25
0
50
75
125
100
150
175
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
FIG.3- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER LEG
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
0.4
0.2
1
4
2
10
20
40
100
200
400
FORWARD VOLTAGE. (V)
FIG.4- TYPICAL REVERSE CHARACTERISTICS
PER LEG
0
20
40
60
80
100
120
140
0.1
0.4
0.2
1
4
40
2
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=25 C
0
Tj=125 C
0
FIG.5- TYPICAL JUNCTION CAPACITANCE
0.1
0.5
1
4
10
40
100
1000
400
20
0
40
60
100
80
120
REVERSE VOLTAGE. (V)
Tj=25 C
0
f=10 MHz
Vsig 50Mvp-p
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
50
100
150
2
4
6
8
10
12
CASE TEMPERATURE. ( C)
o
Single Phase
Half Wave 60Hz
Resistive of
Inductive Load
RATINGS AND CHARACTERISTIC CURVES (GP1001 THR
GP1007)
U
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com