Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1005 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # GP1005
Description  10.0 AMPS. Glass Passivated Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

GP1005 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  GP1005 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd GP1005 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
GP1001 - GP1007
10.0 AMPS. Glass Passivated Rectifiers
TO-220AB
Features
Glass passivated chip junction.
High efficiency, Low VF
High current capability
High reliability
High surge current capability
Low power loss
Mechanical Data
Cases: TO-220AB molded plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals: Pure tin plated, lead free.
solderable per MIL-STD-202, Method 208
guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260
oC /10 seconds .16”,(4.06mm) from
case.
Weight: 2.24 grams
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol GP
1001
GP
1002
GP
1003
GP
1004
GP
1005
GP
1006
GP
1007
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current .375”(9.5mm) Lead Length
@TC = 100
oC
I(AV)
10.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
125
A
Maximum Instantaneous Forward Voltage
@5.0A
VF
1.1
V
Maximum DC Reverse Current @ TC=25
oC
at Rated DC Blocking Voltage @ TC=125
oC
IR
5.0
200
uA
uA
Typical Junction Capacitance ( Note 1)
Cj
30
pF
Typical Thermal Resistance ( Note 2 )
RθJC
3.0
oC/W
Operating and Storage Temperature Range
TJ ,TSTG
- 65 to + 150
oC
Notes:
1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
2. Thermal Resistance from Junction to Case Mounted on Heatsink size 2” x 3” x 0.25” Al-Plate.


Similar Part No. - GP1005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GP1005 ETC-GP1005 Datasheet
90Kb / 2P
10.0 AMPS. Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
GP1005 TSC-GP1005 Datasheet
95Kb / 2P
10.0 AMPS. Glass Passivated Rectifiers
GP1005 TSC-GP1005 Datasheet
545Kb / 2P
10.0 AMPS. Glass Passivated Rectifiers
logo
Taiwan Memory Technolog...
GP1005 TMT-GP1005 Datasheet
202Kb / 4P
10A, 50V - 1000V Glass Passivated Rectifiers
logo
CT Micro International ...
GP100505-CTC3 CTMICRO-GP100505-CTC3 Datasheet
1Mb / 10P
SMD Type Green Emitter
Rev 2 Jan, 2021
More results

Similar Description - GP1005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GP1001 ETC-GP1001 Datasheet
90Kb / 2P
10.0 AMPS. Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
HER1001G TSC-HER1001G Datasheet
94Kb / 2P
10.0 AMPS. Glass Passivated High Efficient Rectifiers
GPF1001 TSC-GPF1001 Datasheet
110Kb / 2P
Isolation 10.0 AMPS. Glass Passivated Rectifiers
HER1001G TSC-HER1001G_1 Datasheet
353Kb / 2P
10.0 AMPS. Glass Passivated High Efficient Rectifiers
GP1001 TSC-GP1001 Datasheet
95Kb / 2P
10.0 AMPS. Glass Passivated Rectifiers
SF1001G TSC-SF1001G Datasheet
100Kb / 2P
10.0 AMPS. Glass Passivated Super Fast Rectifiers
HER1001G TSC-HER1001G_10 Datasheet
604Kb / 2P
10.0 AMPS. Glass Passivated High Efficient Rectifiers
GP1001 TSC-GP1001_10 Datasheet
545Kb / 2P
10.0 AMPS. Glass Passivated Rectifiers
GPAS1001 TSC-GPAS1001 Datasheet
205Kb / 2P
10.0 AMPS. Glass Passivated Rectifiers
logo
DIYI Electronic Technol...
10A05G DYELEC-10A05G Datasheet
701Kb / 2P
10.0 AMPS. Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com