Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1003 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SD1003
Description  1.0A Surface Mount Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SD1003 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SD1003 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SD1003 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-47-
RATINGS AND CHARACTERISTIC CURVES (SD1002THRU SD1006 )
FIG.4- TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE. (V)
FIG.3-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
NUMBER OF CYCLES AT 60 Hz
1
100
10
0.1
100
1.0
10
0
5
10
15
20
25
10
100
1000
8.3ms Single Half Sine-Wave
JEDEC Method
Tj=25 C
f =1MHz
FIG.1- FORWARD
CURVE
CURRENT DERATING
LEAD TEMPERATURE. ( C)
O
FIG.2-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE. (V)
0
0.5
1.0
0
1
2
3
4
5
10
40
140
0
0.2
0.4
0.6
0.8
1.0
60
80
100
120
Tj= 25 C
Pulse Width-300ms
2% Duty Cycle
O
Tj=125 C
O
Single Phase Half Wave
60Hz Resistive or Inductive Load
FIG.6- TYPICAL REVERSE CHARACTERISTICS
RATED PEAK REVERSE VOLTAGE. (V)
FIG.5- TYPICAL SAFE OPERATING AREA
REVERSE VOLTAGE. (V)
0.001
0.01
0.1
1.0
10.0
25
50
75
100
125
150
1
60
10
20
65
35
50
20
30
40
30
45
40
55
60
Tj=25 C
Tj=75 C
R(
) =300 C /W
Note 1
JA
O
50
25



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com