Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF1007G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SF1007G
Description  10.0 AMPS. Glass Passivated Super Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SF1007G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SF1007G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SF1007G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
SF1001G - SF1008G
10.0 AMPS. Glass Passivated Super Fast Rectifiers
TO-220AB
Features
High efficiency, low VF
High current capability
High reliability
High surge current capability
Low power loss.
For use in low voltage, high frequency inventor, free
wheeling, and polarity protection application
Mechanical Data
Case: TO-220AB Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals: Pure tin plated, lead free. solderable per
MIL-STD-202, Method 208 guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260
oC/10 seconds .16”,(4.06mm) from case.
Weight: 2.24 grams
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol SF
1001G
SF
1002G
SF
1003G
SF
1004G
SF
1005G
SF
1006G
SF
1007G
SF
1008G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100 150 200 300 400 500 600
V
Maximum RMS Voltage
VRMS
35
70
105 140 210 280 350 420
V
Maximum DC Blocking Voltage
VDC
50
100 150 200 300 400 500 600
V
Maximum Average Forward Rectified
Current .375 (9.5mm) Lead Length
@TC = 100
oC
I(AV)
10.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
125
A
Maximum Instantaneous Forward Voltage
@ 5.0A
VF
0.975
1.3
1.7
V
Maximum DC Reverse Current
@ TA=25
oC at Rated DC Blocking Voltage
@ TA=100
oC
IR
10.0
400
uA
uA
Maximum Reverse Recovery Time
(Note 1)
Trr
35
nS
Typical Junction Capacitance (Note 2)
Cj
70
50
pF
Typical Thermal Resistance (Note 3)
RθJC
3.5
oC/W
Operating Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
3. Mounted on Heatsink Size of 2” x 3” x 0.25” Al-plate.


Similar Part No. - SF1007G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SF1007G ETC1-SF1007G Datasheet
94Kb / 2P
10.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SF1007G TSC-SF1007G Datasheet
100Kb / 2P
10.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1007G TSC-SF1007G Datasheet
195Kb / 2P
10.0AMPS. Glass Passivated Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
SF1007G LUGUANG-SF1007G Datasheet
242Kb / 2P
10.0AMP. Glass Passivated Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SF1007G TSC-SF1007G Datasheet
386Kb / 4P
Glass Passivated Super Fast Rectifiers
More results

Similar Description - SF1007G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SF1001G ETC1-SF1001G Datasheet
94Kb / 2P
10.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SF1004G-Q1 TSC-SF1004G-Q1 Datasheet
96Kb / 2P
10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF1001G TSC-SFAF1001G Datasheet
87Kb / 2P
Isolation 10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF1001G TSC-SFF1001G Datasheet
116Kb / 2P
Isolation 10.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1001G TSC-SF1001G Datasheet
100Kb / 2P
10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFA1001G TSC-SFA1001G Datasheet
260Kb / 2P
10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF1001G TSC-SFAF1001G_1 Datasheet
273Kb / 2P
Isolated 10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF1001G TSC-SFF1001G_1 Datasheet
334Kb / 2P
Isolation 10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF1001G TSC-SFAF1001G_10 Datasheet
633Kb / 2P
Isolated 10.0 AMPS. Glass Passivated Super Fast Rectifiers
GP1001 TSC-GP1001_10 Datasheet
545Kb / 2P
10.0 AMPS. Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com