Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF2002G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SF2002G
Description  20.0 AMPS. Glass Passivated Super Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SF2002G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SF2002G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SF2002G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
SF2001G - SF2008G
20.0 AMPS. Glass Passivated Super Fast Rectifiers
TO-220AB
Features
High efficiency, low VF
High current capability
High reliability
High surge current capability
Low power loss.
For use in low voltage, high frequency inventor, free
wheeling, and polarity protection application
Mechanical Data
Cases: TO-220AB Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals: Pure tin plated, lead free. solderable per
MIL-STD-202, Method 208 guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260
oC/10 seconds .16”,(4.06mm) from case.
Weight: 2.24 grams
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
SF
2001G
SF
2002G
SF
2003G
SF
2004G
SF
2005G
SF
2006G
SF
2007G
SF
2008G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50 100 150 200 300 400 500 600
V
Maximum RMS Voltage
VRMS
35
70 105 140 210 280 350 420
V
Maximum DC Blocking Voltage
VDC
50 100 150 200 300 400 500 600
V
Maximum Average Forward Rectified Current
@TC = 100
oC
I(AV)
20
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
150
A
Maximum Instantaneous Forward Voltage
@ 10A
VF
0.975
1.3
1.7
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=100
oC
IR
5.0
400
uA
uA
Maximum Reverse Recovery Time (Note 1)
Trr
35
nS
Typical Junction Capacitance (Note 2)
Cj
80
pF
Typical Thermal Resistance (Note 3)
RθJC
2.5
oC/W
Operating Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
T
STG
-65 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
3. Thermal Resistance from Junction to Case Mounted on Heatsink size of 3” x 5” x 0.25” Al-Plate.


Similar Part No. - SF2002G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF2002G TSC-SF2002G Datasheet
193Kb / 2P
20.0AMPS. Glass Passivated Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
SF2002G LUGUANG-SF2002G Datasheet
241Kb / 2P
20.0AMP. Glass Passivated Super Fast Rectifiers
logo
Gaomi Xinghe Electronic...
SF2002G GXELECTRONICS-SF2002G Datasheet
614Kb / 2P
20.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Thinki Semiconductor Co...
SF2002G THINKISEMI-SF2002G Datasheet
650Kb / 2P
20.0 Ampere Dual Unipolar-Doubler Polarity Superfast Recovery Diode
SF2002GA THINKISEMI-SF2002GA Datasheet
650Kb / 2P
20.0 Ampere Dual Unipolar-Doubler Polarity Superfast Recovery Diode
More results

Similar Description - SF2002G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF2001PT TSC-SF2001PT Datasheet
118Kb / 2P
20.0 AMPS. Glass Passivated Super Fast Rectifiers
SF2004G TSC-SF2004G Datasheet
94Kb / 2P
20.0 AMPS. Glass Passivated Super Fast Rectifiers
SF2004PT TSC-SF2004PT Datasheet
116Kb / 2P
20.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF2004G TSC-SFF2004G Datasheet
114Kb / 2P
Isolation 20.0 AMPS. Glass Passivated Super Fast Rectifiers
SF2001PT TSC-SF2001PT_1 Datasheet
349Kb / 2P
20.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF2001G TSC-SFAF2001G Datasheet
279Kb / 2P
Isolated 20.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF2001G TSC-SFF2001G Datasheet
330Kb / 2P
Isolated 20.0 AMPS. Glass Passivated Super Fast Rectifiers
SF2001PT TSC-SF2001PT_10 Datasheet
633Kb / 2P
20.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF2001G TSC-SFAF2001G_10 Datasheet
629Kb / 2P
Isolated 20.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Gaomi Xinghe Electronic...
SF2001G GXELECTRONICS-SF2001G Datasheet
614Kb / 2P
20.0 AMPS. Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com