Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF2002PT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SF2002PT
Description  20.0 AMPS. Glass Passivated Super Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SF2002PT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SF2002PT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SF2002PT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
SF2001PT - SF2008PT
20.0 AMPS. Glass Passivated Super Fast Rectifiers
TO-3P/TO-247AD
Features
Dual rectifier construction, positive center-tap
Plastic package has Underwriters Laboratory
Flammability Classifications 94V-0
Glass passivated chip junctions
Superfast recovery time, high voltage
Low forward voltage, high current capability
Low thermal resistance
Low power loss, high efficiency
High temperature soldering guaranteed:
260
oC / 10 seconds, 0.16”(4.06mm) lead lengths
at 5 lbs. (2.3kg) tesion
Mechanical Data
Cases: JEDEC TO-3P/TO-247AD molded plastic
Terminals: Pure tin plated, lead free. solderable per
MIL-STD-750,Method 2026
Polarity: As marked
Mounting position: Any
Weight: 0.2 ounce, 5.6 grams
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol SF
2001
PT
SF
2002
PT
SF
2003
PT
SF
2004
PT
SF
2005
PT
SF
2006
PT
SF
2007
PT
SF
2008
PT
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
500
600
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
350
420
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
500
600
V
Maximum Average Forward Rectified Current
at Tc=100 oC
I(AV)
20
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
180
A
Maximum Instantaneous Forward Voltage @10A
@ 20A
VF
0.95
1.1
1.3
1.5
1.7
1.9
V
Maximum D.C. Reverse Current at Rated
DC Blocking
Voltage
@ Tc=25
oC
@ Tc=100
oC
IR
10
400
uA
Maximum Reverse Recovery Time(Note 2) TJ=25
oC
Trr
35
nS
Typical Junction Capacitance (Note 1)
Cj
175
pF
Typical Thermal Resistance (Note 3)
RθJC
2.5
oC/W
Operating Junction Temperature Range
TJ
-55 to +150
oC
Storage Temperature Range
TSTG
-55 to +150
oC
Notes:
1. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
2. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, Recover to 0.25A.
3. Thermal Resistance from Junction to Case Mount on Heatsink size 3” x 5” x 0.25” Al-Plate.


Similar Part No. - SF2002PT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF2002PT TSC-SF2002PT Datasheet
118Kb / 2P
20.0 AMPS. Glass Passivated Super Fast Rectifiers
SF2002PT TSC-SF2002PT Datasheet
633Kb / 2P
20.0 AMPS. Glass Passivated Super Fast Rectifiers
More results

Similar Description - SF2002PT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF2001PT TSC-SF2001PT Datasheet
118Kb / 2P
20.0 AMPS. Glass Passivated Super Fast Rectifiers
SF2004G TSC-SF2004G Datasheet
94Kb / 2P
20.0 AMPS. Glass Passivated Super Fast Rectifiers
SF2004PT TSC-SF2004PT Datasheet
116Kb / 2P
20.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF2004G TSC-SFF2004G Datasheet
114Kb / 2P
Isolation 20.0 AMPS. Glass Passivated Super Fast Rectifiers
SF2001G TSC-SF2001G Datasheet
342Kb / 2P
20.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF2001G TSC-SFAF2001G Datasheet
279Kb / 2P
Isolated 20.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF2001G TSC-SFF2001G Datasheet
330Kb / 2P
Isolated 20.0 AMPS. Glass Passivated Super Fast Rectifiers
SF2001PT TSC-SF2001PT_10 Datasheet
633Kb / 2P
20.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF2001G TSC-SFAF2001G_10 Datasheet
629Kb / 2P
Isolated 20.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Gaomi Xinghe Electronic...
SF2001G GXELECTRONICS-SF2001G Datasheet
614Kb / 2P
20.0 AMPS. Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com