Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS62243DRVR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62243DRVR
Description  2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62243DRVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS62243DRVR Datasheet HTML 9Page - Texas Instruments TPS62243DRVR Datasheet HTML 10Page - Texas Instruments TPS62243DRVR Datasheet HTML 11Page - Texas Instruments TPS62243DRVR Datasheet HTML 12Page - Texas Instruments TPS62243DRVR Datasheet HTML 13Page - Texas Instruments TPS62243DRVR Datasheet HTML 14Page - Texas Instruments TPS62243DRVR Datasheet HTML 15Page - Texas Instruments TPS62243DRVR Datasheet HTML 16Page - Texas Instruments TPS62243DRVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
www.ti.com
DETAILED DESCRIPTION
OPERATION
POWER SAVE MODE
TPS62240, TPS62242, TPS62243
SLVS762B – JUNE 2007 – REVISED SEPTEMBER 2007
The TPS62240 step down converter operates with typically 2.25MHz fixed frequency pulse width modulation
(PWM) at moderate to heavy load currents. At light load currents, the converter can automatically enter Power
Save Mode and operates then in PFM mode.
During PWM operation, the converter use a unique fast response voltage mode control scheme with input
voltage feed-forward to achieve good line and load regulation allowing the use of small ceramic input and output
capacitors. At the beginning of each clock cycle initiated by the clock signal, the High Side MOSFET switch is
turned on. The current flows now from the input capacitor via the High Side MOSFET switch through the inductor
to the output capacitor and load. During this phase, the current ramps up until the PWM comparator trips and the
control logic will turn off the switch. The current limit comparator will also turn off the switch if the current limit of
the High Side MOSFET switch is exceeded. After a dead time preventing shoot through current, the Low Side
MOSFET rectifier is turned on and the inductor current will ramp down. The current flows now from the inductor
to the output capacitor and to the load. It returns back to the inductor through the Low Side MOSFET rectifier.
The next cycle is initiated by the clock signal again turning off the Low Side MOSFET rectifier and turning on the
on the High Side MOSFET switch.
The Power Save Mode is enabled with MODE Pin set to low level. If the load current decreases, the converter
will enter Power Save Mode operation automatically. During Power Save Mode, the converter skips switching
and operates with reduced frequency in PFM mode with a minimum quiescent current to maintain high efficiency.
The transition from PWM mode to PFM mode occurs once the inductor current in the Low Side MOSFET switch
becomes zero, which indicates discontinuous conduction mode.
During the Power Save Mode, the output voltage is monitored with a PFM comparator. As the output voltage falls
below the PFM comparator threshold of VOUT nominal, the device starts a PFM current pulse. The High Side
MOSFET switch will turn on, and the inductor current ramps up. After the On-time expires, the switch is turned
off and the Low Side MOSFET switch is turned on until the inductor current becomes zero.
The converter effectively delivers a current to the output capacitor and the load. If the load is below the delivered
current, the output voltage will rise. If the output voltage is equal or higher than the PFM comparator threshold,
the device stops switching and enters a sleep mode with typical 15-
μA current consumption.
If the output voltage is still below the PFM comparator threshold, a sequence of further PFM current pulses are
generated until the PFM comparator threshold is reached. The converter starts switching again once the output
voltage drops below the PFM comparator threshold.
With a fast single threshold comparator, the output voltage ripple during PFM mode operation can be kept small.
The PFM Pulse is time controlled, which allows to modify the charge transferred to the output capacitor by the
value of the inductor. The resulting PFM output voltage ripple and PFM frequency depend in first order on the
size of the output capacitor and the inductor value. Increasing output capacitor values and inductor values will
minimize the output ripple. The PFM frequency decreases with smaller inductor values and increases with larger
values.
The PFM mode is left and PWM mode entered in case the output current can not longer be supported in PFM
mode. The Power Save Mode can be disabled through the MODE pin set to high. The converter will then operate
in fixed frequency PWM mode.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS62240 TPS62242 TPS62243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com