Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS62243DRVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62243DRVT
Description  2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62243DRVT Datasheet(HTML) 2 Page - Texas Instruments

  TPS62243DRVT Datasheet HTML 1Page - Texas Instruments TPS62243DRVT Datasheet HTML 2Page - Texas Instruments TPS62243DRVT Datasheet HTML 3Page - Texas Instruments TPS62243DRVT Datasheet HTML 4Page - Texas Instruments TPS62243DRVT Datasheet HTML 5Page - Texas Instruments TPS62243DRVT Datasheet HTML 6Page - Texas Instruments TPS62243DRVT Datasheet HTML 7Page - Texas Instruments TPS62243DRVT Datasheet HTML 8Page - Texas Instruments TPS62243DRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
TPS62240, TPS62242, TPS62243
SLVS762B – JUNE 2007 – REVISED SEPTEMBER 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PACKAGE
PACKAGE
TA
PART NUMBER (1)
OUTPUT VOLTAGE(2)
PACKAGE(3)
ORDERING
DESIGNATOR
MARKING
TPS62240
adjustable
TSOT23-5
DDC
TPS62240DDC
BYO
TPS62240
adjustable
SON 2x2 -6
DRV
TPS62240DRV
BYJ
–40
°C to
85
°C
TPS62242
1.2V fixed output voltage
SON 2x2 -6
DRV
TPS62242DRV
CCY
TPS62243
1.8V fixed output voltage
SON 2x2 -6
DRV
TPS62243DRV
CBQ
(1)
The DDC (TSOT-23-5) and DRV (SON2x2) package are available in tape on reel. Add R suffix to order quantities of 3000 parts per reel.
(2)
Contact TI for other fixed output voltage options.
(3)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VI
Input voltage range(2)
–0.3 to 7
V
Voltage range at EN, MODE
–0.3 to VIN +0.3, ≤7
V
Voltage on SW
–0.3 to 7
V
Peak output current
Internally limited
A
HBM Human body model
2
kV
ESD rating(3)
CDM Charge device model
1
Machine model
200
V
TJ
Maximum operating junction temperature
-40 to 125
°C
Tstg
Storage temperature range
-65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
The human body model is a 100-pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200-pF
capacitor discharged directly into each pin.
POWER RATING
DERATING FACTOR
PACKAGE
RθJA
FOR TA ≤ 25°C
ABOVE TA = 25°C
DDC
250
°C/W
400 mW
4 mW/
°C
DRV
76
°C/W
1300 mW
13 mW/
°C
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VI
Supply voltage, VIN
2
6
V
Output voltage range for adjustable voltage
0.6
VIN
V
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS62240 TPS62242 TPS62243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com