Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYN612MFPRG Datasheet(PDF) 4 Page - STMicroelectronics

Part # TYN612MFPRG
Description  12 A SCR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN612MFPRG Datasheet(HTML) 4 Page - STMicroelectronics

  TYN612MFPRG Datasheet HTML 1Page - STMicroelectronics TYN612MFPRG Datasheet HTML 2Page - STMicroelectronics TYN612MFPRG Datasheet HTML 3Page - STMicroelectronics TYN612MFPRG Datasheet HTML 4Page - STMicroelectronics TYN612MFPRG Datasheet HTML 5Page - STMicroelectronics TYN612MFPRG Datasheet HTML 6Page - STMicroelectronics TYN612MFPRG Datasheet HTML 7Page - STMicroelectronics TYN612MFPRG Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Ordering information scheme
TYN612M
4/8
2
Ordering information scheme
Figure 9.
On-state characteristics
(maximum values)
0.10
1.00
10.00
100.00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
I
(A)
TM
V
(V)
TM
T =125°C
j
T =25°C
j
V =0.85V
R =0.030
T max.:
j
t0
d
Ω
TYN 6 12 M FP RG
Standard SCR
Voltage
Current
Sensitivity
Package
6 = 600V
12 = 12A
M = 5mA
FP = TO-220FPAB
Blank = TO-220AB
RG = Tube (TO-220AB)
Blank = Tube (TO-220FPAB)
Packing mode



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com