Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS2000 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # VS2000
Description  Headtracking Multichannel USB Audio Headphone IC / USB DAC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS2000 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button VS2000 Datasheet HTML 9Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 10Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 11Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 12Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 13Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 14Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 15Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 16Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
VLSI
Solution
y
VS2000 PRELIMINARY
VS2000
6. FIRMWARE OPERATION
6
Firmware Operation
The firmware uses the following pins (see the example schematics in Section 7):
Pin
Description
VHIGH
VBUS with diode to VHIGH
PWRBTN
Power button starts regulator + VBUS-triggered (Mode Select)
USBN
external 1 MΩ pull-up
USBP
external 1 MΩ pull-up
GPIO0 0
external 1 MΩ pull-down resistor, Key 1 connects a 100 kΩ pull-up resistor (Vol-)
GPIO0 1
external 1 MΩ pull-down resistor, Key 2 connects a 100 kΩ pull-up resistor (Vol+)
GPIO0 2
external 1 MΩ pull-down resistor, Key 3 connects a 100 kΩ pull-up resistor (Pause)
GPIO0 3
external 1 MΩ pull-down resistor, Key 4 connects a 100 kΩ pull-up resistor (Play)
GPIO0 4
external 1 MΩ pull-down resistor, Key 5 connects a 100 kΩ pull-up resistor (Rewind)
GPIO0 5
external 1 MΩ pull-down resistor, Key 6 connects a 100 kΩ pull-up resistor (Fast Forward)
GPIO0 6
external 1 MΩ pull-down resistor, Key 7 connects a 100 kΩ pull-up resistor (Effect Level Select)
GPIO0 7
external 100 kΩ pull-up resistor
GPIO0 8
USB LED - Red
GPIO0 9
Effect Level LED - Green (PWM-controlled)
GPIO0 10
Tracking LED - Red
GPIO0 11
Tracking LED - Green
GPIO0 12
Headtracker input right
GPIO0 13
Headtracker input left
GPIO0 14
Audio LED, External power control, with 1 MΩ pull-down resistor
GPIO1 0 / XCS
external pull-up to enable SPI EEPROM boot
GPIO1 1 / SCLK
820 Hz headtracker transmit / SPI EEPROM SCLK
GPIO1 2 / SI
SPI EEPROM MISO
GPIO1 3 / SO
40 kHz headtracker transmit / SPI EEPROM MOSI
GPIO1 4 / TX
UART transmit
GPIO1 5 / RX
UART receive
Tracking LEDs indicate the operation mode:
Green On
Tracking On, RED On if tracking error is detected
Green Off, Red Off
Tracking Off, spatial processing active
Green Off, Red On
Bypass mode, no spatial processing, down-mixing only
USB LED is lit when setup packets are received, i.e. during device configuration, and when audio controls are
changed.
Audio LED is lit when audio data is transferred and is turned off after a short timeout when audio transmission
stops.
Version 0.3,
2007-09-05
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com