Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB88101APF Datasheet(PDF) 9 Page - fujitsu semiconductor

Part # MB88101APF
Description  A/D Converter (With 4-channel Input at 12-bit Resolution)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB88101APF Datasheet(HTML) 9 Page - fujitsu semiconductor

Back Button MB88101APF Datasheet HTML 5Page - fujitsu semiconductor MB88101APF Datasheet HTML 6Page - fujitsu semiconductor MB88101APF Datasheet HTML 7Page - fujitsu semiconductor MB88101APF Datasheet HTML 8Page - fujitsu semiconductor MB88101APF Datasheet HTML 9Page - fujitsu semiconductor MB88101APF Datasheet HTML 10Page - fujitsu semiconductor MB88101APF Datasheet HTML 11Page - fujitsu semiconductor MB88101APF Datasheet HTML 12Page - fujitsu semiconductor MB88101APF Datasheet HTML 13Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
MB88101A
9
(3) Definitions of A/D converter terms
• Resolution
Analog transition identifiable by the A/D converter
• Linearity error
Deviation of the straight line drawn between the zero transition point (0000 0000 0000
↔ 0000 0000 0001)
and the full-scale transition point (1111 1111 1110
↔ 1111 1111 1111) of the device from actual conversion
characteristics
• Differential linearity error
Deviation from the ideal input voltage required to shift output code by one LSB
Notes: • The tolerance of output impedance of an external circuit connected to this A/D converter has an effect on
conversion time (CLK frequency). See “s TYPICAL CHARACTERISTICS”.
• If the output impedance of the external input is too high, the analog voltage sampling time may be short.
• When turning the device on, turn the power supply for the digital system first before turning VREF on.
Digital output
Actual converted value
Ideal converted value
Analog output
1111 1111 1111
1111 1111 1110
0000 0000 0001
0000 0000 0000
0000 0000 0010
VOT
VNT V(N+1)T
VFST
(1 LSB
× N + VOT)
Linearity error
1 LSB
Linearity error
Differential linearity error
=
=
=
- 1
(LSB)
(LSB)
VFST
- VOT
4094
VNT
- (1 LSB
× N + VOT)
1 LSB
V(N+1)T
- VNT
1 LSB
•
•
•
•
•
•
•
•
•
•
•
•
Analog input
RON1
C0
RON2
Comparator
⋅ RON1 = About 1.5 kΩ
⋅ RON2 = About 1.5 kΩ
⋅ C0 = About 60 pF
• Analog input equivalent circuit
Note: The above values are reference values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com