Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP2003 Datasheet(PDF) 1 Page - Analogix Semiconductor, Inc.

Part # SP2003
Description  SlimPort®to HDMI® and VGA Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.

SP2003 Datasheet(HTML) 1 Page - Analogix Semiconductor, Inc.

  SP2003 Datasheet HTML 1Page - Analogix Semiconductor, Inc. SP2003 Datasheet HTML 2Page - Analogix Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AA-000743-PB-9
August 2014
Preliminary
SP1202
Product Brief
SlimPort®to HDMI® and VGA Adapter
The SP1202 adapter connects SlimPort or MyDP enabled mobile devices to TVs with an HDMI connection, or monitors
and projectors with a VGA connection. Capable of Full HD resolutions, the SP1202 displays the content of your
mobile device on the big screen for all to share.
Features
!
Video output
− HDMI 1.4 female connection to TV
− VGA female connection to projector or monitor
− Single video output at a time (HDMI has
precedence)
− Supports resolutions up to 1080p @60Hz,
24bpp
− HDMI 1.4 3D support
− HDCP 1.3 content protection with HDMI output
− Audio support only with HDMI output (up to
7.1 channels)
!
Standards compliance
− SlimPortcertified
− VESA MyDP 1.1a compliant
− HDMI 1.4 compliant
− FCC Part 15 Class B EMI compliant
− CE certified
− RoHS II compliant
− Halogen free
!
Electrical requirements
− 350mW with VGA output
− CoolHD® with HDMI output
− Optional 5V/1.5A (±10%) fastcharging
− ± 4kV ESD contact
− ± 8kV ESD air
!
Other features
− 400k hours MTBF
− 1 year guarantee
− 0 to +45°C operating temperature
− -5 to +75°C storage temperature
− 5 to 95% relative humidity
− 0.1Kg
− Plug-and-play functionality
!
Physical specifications
− HDMI/VGA molding: 6.23cm * 4.3cm * 1.4cm
− Micro-USB molding:1.9cm * 1.08cm * 0.62cm
− Color CMYK: black - 10:10:10:100, white -
0:0:0:0, DP Tangerine - 0:80:90:00
− Length: 15cm
!
Package
− Sealed ESD Protected Plastic Bag
− 21cm*16.5cm
− Bar code identification sticker


Similar Part No. - SP2003

ManufacturerPart #DatasheetDescription
logo
Analogix Semiconductor,...
SP2003 ANALOGIX-SP2003 Datasheet
347Kb / 2P
SlimPort®to VGA Adapter
August 2014
SP2003 ANALOGIX-SP2003 Datasheet
477Kb / 2P
SlimPort®to HDMI® Adapter
August 2014
SP2003 ANALOGIX-SP2003 Datasheet
383Kb / 2P
SlimPort®-4K HDMI™ Adapter
March 2016
SP2003 ANALOGIX-SP2003 Datasheet
404Kb / 2P
SlimPort® NANO●CONSOLE™
March 2016
logo
Tyco Electronics
SP200375WE2.5 MACOM-SP200375WE2.5 Datasheet
5Mb / 85P
tyco electronics contents
More results

Similar Description - SP2003

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P116000HDMI TRIPPLITE-P116000HDMI Datasheet
530Kb / 2P
VGA with Audio to HDMI Converter, Adapter for Stereo Audio and Video
P131000 TRIPPLITE-P131000 Datasheet
518Kb / 2P
HDMI Male to VGA Female Adapter
P116-003-HD-U TRIPPLITE-P116-003-HD-U Datasheet
171Kb / 3P
VGA to HDMI Converter Adapter with Audio and USB Power, 1080p
P131-000 TRIPPLITE-P131-000 Datasheet
162Kb / 2P
HDMI Male to VGA Female Adapter - 1920x1200 @ 60 Hz, 1080p
logo
NimbeLink Corp.
NL-AB-RPI NIMBELINK-NL-AB-RPI Datasheet
613Kb / 10P
Skywire ® Raspberry Pi Adapter
March 2020
logo
Advantech Co., Ltd.
UNO-2272G ADVANTECH-UNO-2272G Datasheet
737Kb / 2P
Intel® Atom™/Celeron® Palm-Size Automation Computer with 1 x GbE, 2 x mPCIe, VGA/HDMI
6-Jan-2021
AIMB-708 ADVANTECH-AIMB-708 Datasheet
644Kb / 2P
LGA1700 12th Generation Intel® Core™ i9/i7/i5/i3 & Pentium®/Celeron® ATX with HDMI/VGA, DDR4, USB 3.2, M.2, 6 COMs
3-Jan-2023
logo
Intel Corporation
I350T2V2 INTEL-I350T2V2 Datasheet
1Mb / 6P
Intel® Ethernet Server Adapter I350
logo
Entegris, Inc
PE-4K8P-3 ENTEGRIS-PE-4K8P-3 Datasheet
251Kb / 6P
PrimeLock® Elbow Adapter, PureBond® Pipe
PS-4V4P-3 ENTEGRIS-PS-4V4P-3 Datasheet
269Kb / 5P
PrimeLock® Straight Adapter, PureBond® Pipe, “SpaceSaver”
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com