Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP2003 Datasheet(PDF) 1 Page - Analogix Semiconductor, Inc.

Part # SP2003
Description  SlimPort®-4K HDMI™ Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.

SP2003 Datasheet(HTML) 1 Page - Analogix Semiconductor, Inc.

  SP2003 Datasheet HTML 1Page - Analogix Semiconductor, Inc. SP2003 Datasheet HTML 2Page - Analogix Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AA-002162-PB-2
March 2016
Preliminary
SP6001
Product Brief
SlimPort
®-4K HDMI™ Adapter
The SP6001 SlimPort-4K HDMI adapter connects SlimPort or Mobility DisplayPort™ (MyDP) enabled 4K Ultra HD mobile
devices to HDMI monitors or TVs, allowing 2160p resolution videos and pictures from your mobile device to be viewed on a
large screen.
Features
Video output
 HDMI 1.4 female connection to TV
 Supports resolutions up to 3840*2160@30Hz,
24bpp
 HDCP 1.4 content protection
 Audio support to HDMI monitors (up to 7.1
channels)
Standards compliance
 SlimPort certified
 VESA MyDP 1.0 compliant
 HDMI 1.4 compliant
 FCC Part 15 Class B EMI compliant
 CE certified
 RoHS II compliant
 Halogen free
Electrical requirements
 Optional 5V/1.5A (±10%) fast charging
 ± 8kV ESD contact
 ± 4kV ESD air
Other features
 400k hours MTBF
 1 year guarantee
 0 to +40°C operating temperature
 -10 to +70°C storage temperature
 5 to 95% relative humidity
 0.05Kg
 Plug-and-play functionality
Physical specifications
 HDMI molding: 5.0cm * 2.5cm * 1.0cm
 Micro-USB molding: 1.8cm * 1.0cm * 0.6cm
 Color CMYK: black - 10:10:10:100, orange -
0:80:90:00
 Length: 15.6cm
Package
 Gift box with foam pouch
 7cm*10.5cm


Similar Part No. - SP2003

ManufacturerPart #DatasheetDescription
logo
Analogix Semiconductor,...
SP2003 ANALOGIX-SP2003 Datasheet
347Kb / 2P
SlimPort®to VGA Adapter
August 2014
SP2003 ANALOGIX-SP2003 Datasheet
477Kb / 2P
SlimPort®to HDMI® Adapter
August 2014
SP2003 ANALOGIX-SP2003 Datasheet
1,021Kb / 2P
SlimPort®to HDMI® and VGA Adapter
August 2014
SP2003 ANALOGIX-SP2003 Datasheet
404Kb / 2P
SlimPort® NANO●CONSOLE™
March 2016
logo
Tyco Electronics
SP200375WE2.5 MACOM-SP200375WE2.5 Datasheet
5Mb / 85P
tyco electronics contents
More results

Similar Description - SP2003

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P136000UHDV2 TRIPPLITE-P136000UHDV2 Datasheet
508Kb / 2P
DisplayPort to HDMI 4K Video Adapter, DP 1.2 to HDMI Active Audio - Video Converter
P137-06N-HV-V2W TRIPPLITE-P137-06N-HV-V2W Datasheet
488Kb / 2P
Keyspan Mini DisplayPort 1.2 to VGA/HDMI All-in-One Converter Adapter, 4K x 2K HDMI
P136-06N-HV-V2 TRIPPLITE-P136-06N-HV-V2 Datasheet
494Kb / 2P
DisplayPort 1.2 to VGA/HDMI All-in-One Converter Adapter, 4K x 2K HDMI 24 30Hz
U444-06N-HD4K6W TRIPPLITE-U444-06N-HD4K6W Datasheet
163Kb / 3P
USB-C 3.1 to HDMI 4K Adapter, M/F, Thunderbolt 3 Compatible, 4K @ 60 Hz, White
P136-06N-HDR-W TRIPPLITE-P136-06N-HDR-W Datasheet
163Kb / 3P
DisplayPort to HDMI 4K Active Adapter with HDR - M/F, 4K @ 60 Hz, DP 1.2, HDMI 2.0, HDCP 2.2, White
P136-06N-HDV4K6 TRIPPLITE-P136-06N-HDV4K6 Datasheet
168Kb / 3P
DisplayPort 1.2 to VGA/DVI/HDMI All-in-One Converter Adapter, 4K x 2K HDMI @ 60 Hz
P137-06N-HDR-W TRIPPLITE-P137-06N-HDR-W Datasheet
162Kb / 3P
Mini DisplayPort to HDMI 4K Active Adapter with HDR - M/F, 4K @ 60 Hz, DP 1.2, HDMI 2.0, White
P142-000-UP TRIPPLITE-P142-000-UP Datasheet
167Kb / 2P
HDMI Right Angle Up Adapter / Coupler (M/F), 4K @ 60Hz
logo
IOGEAR
GMDPHD4KA IOGEAR-GMDPHD4KA Datasheet
151Kb / 3P
Active Mini DisplayPort to HDMI Adapter with 4K Support
logo
Advantech Co., Ltd.
VEGA-1010 ADVANTECH-VEGA-1010 Datasheet
134Kb / 1P
4K UHD HDMI Video Mixer
29-Mar-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com