Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISC-Q0402 Datasheet(PDF) 2 Page - Abracon Corporation

Part # AISC-Q0402
Description  Ceramic Wirewound RF Inductor (AEC-Q200)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-Q0402 Datasheet(HTML) 2 Page - Abracon Corporation

  AISC-Q0402 Datasheet HTML 1Page - Abracon Corporation AISC-Q0402 Datasheet HTML 2Page - Abracon Corporation AISC-Q0402 Datasheet HTML 3Page - Abracon Corporation AISC-Q0402 Datasheet HTML 4Page - Abracon Corporation AISC-Q0402 Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Ceramic Wirewound RF Inductor (AEC-Q200)
AISC-Q0402 Series
1.27 x 0.76 x 0.61 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
REVISION Initial Release :
11/21/2023
5101 Hidden Creek Ln, Spicewood TX 78669
Phone: 512-371-6159 Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
Test Conditions:
Inductance, Q, SRF: HP4286/E4982A
DCR: Micro-Ohm meter (Gom-801G)/E4982A
IDC: Applied the current to coils, the temperature of coil increases ΔT15℃(Ta=25℃).
Operating Temperature: -40°C to +125°C
Components Storage Temperature: -40°C to +125°C
Tape and Reel packaging Temperature: 15~28°C; < 80% RH
AISC-Q0402 is AEC-Q200 Qualified
AISC-Q0402 Series is RoHS Compliant and Pb free
Part
Number
Inductance
Code
L
(nH)
Tolerance
Q
L/Q Test
SRF
DCR
IDC
Min 900MHz
1.7GHz
Freq
Min
Max
Max
(MHz)
(GHz)
(Ω)
(mA)
11N
11
G, J, K
24
52
78
250
3.68
0.120
640
12N
12
G, J, K
24
53
71
250
3.60
0.120
640
13N
13
G, J, K
24
51
57
250
3.45
0.210
440
15N
15
G, J, K
24
55
77
250
3.28
0.172
560
16N
16
G, J, K
24
46
47
250
3.10
0.220
560
18N
18
G, J, K
25
57
62
250
3.10
0.230
420
19N
19
G, J, K
24
50
67
250
3.04
0.202
480
20N
20
G, J, K
25
52
53
250
3.00
0.250
420
22N
22
G, J, K
25
53
53
250
2.80
0.300
400
23N
23
G, J, K
24
49
64
250
2.72
0.300
400
24N
24
G, J, K
25
51
50
250
2.70
0.300
400
27N
27
G, J, K
24
49
63
250
2.48
0.300
400
30N
30
G, J, K
25
46
39
250
2.35
0.350
400
33N
33
G, J, K
24
31
32
250
2.35
0.350
400
36N
36
G, J, K
24
44
53
250
2.32
0.440
320
39N
39
G, J, K
25
47
45
250
2.10
0.550
200
40N
40
G, J, K
24
44
33
250
2.24
0.500
320
43N
43
G, J, K
25
46
34
250
2.03
0.810
100
47N
47
G, J, K
25
38
37
250
2.10
0.830
150
51N
51
G, J, K
25
47
37
250
1.75
0.820
100
56N
56
G, J, K
25
49
40
250
1.76
0.970
100
68N
68
G, J, K
22
45
38
250
1.62
1.120
100
82N
82
G, J, K
22
-
-
250
1.26
1.550
50
R10
100
G, J, K
22
-
-
250
1.16
2.000
30
R12
120
G, J, K
20
-
-
250
>1.80
2.660
50
Electrical Specifications (Cont’d)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com