Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISC-Q0447-R12 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AISC-Q0447-R12
Description  Ceramic Wirewound RF Inductor (AEC-Q200)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-Q0447-R12 Datasheet(HTML) 1 Page - Abracon Corporation

  AISC-Q0447-R12 Datasheet HTML 1Page - Abracon Corporation AISC-Q0447-R12 Datasheet HTML 2Page - Abracon Corporation AISC-Q0447-R12 Datasheet HTML 3Page - Abracon Corporation AISC-Q0447-R12 Datasheet HTML 4Page - Abracon Corporation AISC-Q0447-R12 Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Ceramic Wirewound RF Inductor (AEC-Q200)
AISC-Q0402 Series
1.27 x 0.76 x 0.61 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
REVISION Initial Release :
11/21/2023
5101 Hidden Creek Ln, Spicewood TX 78669
Phone: 512-371-6159 Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
Part
Number
Inductance
Code
L
(nH)
Tolerance
Q
L/Q Test
SRF
DCR
IDC
Min 900MHz
1.7GHz
Freq
Min
Max
Max
(MHz)
(GHz)
(Ω)
(mA)
1N0
1.0
K
16
77
69
250
12.70
0.045
1360
1N9
1.9
C, D, J, K
16
68
82
250
11.30
0.070
1040
2N0
2.0
K
16
54
75
250
11.10
0.070
1040
2N2
2.2
J, K
19
59
100
250
10.80
0.070
960
2N4
2.4
K
15
51
68
250
10.50
0.070
790
2N7
2.7
J, K
16
42
61
250
10.40
0.120
640
3N3
3.3
K
19
65
87
250
7.00
0.066
840
3N6
3.6
J, K
19
45
71
250
6.80
0.066
840
3N9
3.9
J, K
19
50
75
250
5.80
0.066
840
4N3
4.3
J, K
18
47
71
250
6.00
0.091
700
4N7
4.7
J, K
18
48
68
250
4.70
0.130
640
5N1
5.1
G, J, K
20
56
82
250
4.80
0.083
800
5N6
5.6
J, K
20
54
81
250
4.80
0.083
760
6N2
6.2
J, K
20
52
76
250
4.80
0.083
760
6N8
6.8
G, J, K
20
63
78
250
4.80
0.083
680
7N5
7.5
G, J, K
22
60
88
250
4.80
0.104
680
8N2
8.2
J, K
22
57
84
250
4.40
0.104
680
8N7
8.7
J, K
18
54
73
250
4.10
0.200
480
9N0
9.0
J, K
22
62
78
250
4.16
0.104
680
9N5
9.5
J, K
18
54
69
250
4.00
0.200
480
10N
10
G, J, K
21
50
67
250
3.90
0.195
480
•
PPAP ready and supported
•
TS16949 certified production lines
•
AEC-Q200 (grade 1) qualified
•
Ceramic base with high SRF
•
Excellent DCR and current carrying characteristics.
•
Ultra-compact inductors
•
Tight tolerance down to ±2%
•
Automotive applications
•
Bluetooth, W-LAN, Broadband Network
•
Impedance matching networks
•
Filtering for high frequency communication
circuits
•
Video cameras, displays, and other electronic
devices.
Electrical Specifications
Applications
Features


Similar Part No. - AISC-Q0447-R12

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISC-Q0402HQ ABRACON-AISC-Q0402HQ Datasheet
573Kb / 5P
High Q Ceramic Wirewound RF Inductor (AEC-Q200)
11/21/2023
AISC-Q0402HQ-10N ABRACON-AISC-Q0402HQ-10N Datasheet
573Kb / 5P
High Q Ceramic Wirewound RF Inductor (AEC-Q200)
11/21/2023
AISC-Q0402HQ-11N ABRACON-AISC-Q0402HQ-11N Datasheet
573Kb / 5P
High Q Ceramic Wirewound RF Inductor (AEC-Q200)
11/21/2023
AISC-Q0402HQ-12N ABRACON-AISC-Q0402HQ-12N Datasheet
573Kb / 5P
High Q Ceramic Wirewound RF Inductor (AEC-Q200)
11/21/2023
AISC-Q0402HQ-13N ABRACON-AISC-Q0402HQ-13N Datasheet
573Kb / 5P
High Q Ceramic Wirewound RF Inductor (AEC-Q200)
11/21/2023
More results

Similar Description - AISC-Q0447-R12

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
MBH6045C TOKO-MBH6045C Datasheet
232Kb / 2P
AEC-Q200 Compliant
MBH12575C TOKO-MBH12575C Datasheet
209Kb / 1P
AEC-Q200 Compliant
logo
Abracon Corporation
ABM10AIG ABRACON-ABM10AIG Datasheet
5Mb / 4P
AEC-Q200 qualified
12.09.15
logo
Taiyo Yuden (U.S.A.), I...
EMK325B7226KMHP TAIYO-YUDEN-EMK325B7226KMHP Datasheet
289Kb / 2P
AEC-Q200 qualified
LMK212B7475KGHT TAIYO-YUDEN-LMK212B7475KGHT Datasheet
331Kb / 2P
AEC-Q200 qualified
LMK325BJ226KMHP TAIYO-YUDEN-LMK325BJ226KMHP Datasheet
288Kb / 2P
AEC-Q200 qualified
LMK325BJ476MMHP TAIYO-YUDEN-LMK325BJ476MMHP Datasheet
288Kb / 2P
AEC-Q200 qualified
HMJ107AB7222MAHT TAIYO-YUDEN-HMJ107AB7222MAHT Datasheet
286Kb / 2P
AEC-Q200 qualified
logo
TT Electronics.
HA65A TTELEC-HA65A Datasheet
473Kb / 2P
AEC-Q200 certified
logo
YAGEO Corporation
AT0402BRD07 YAGEO-AT0402BRD07 Datasheet
653Kb / 9P
AEC-Q200 qualified
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com