Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFR604 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SFR604
Description  6.0 AMPS. Soft Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SFR604 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SFR604 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SFR604 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
SFR601 - SFR607
6.0 AMPS. Soft Fast Recovery Rectifiers
R-6
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Fast switching for high efficiency
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Axial leads, solderable per MIL-STD-
202, Method 208 guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
260 oC /10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs.,(2.3kg) tension
Weight: 1.65 grams
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol SFR
601
SFR
602
SFR
603
SFR
604
SFR
605
SFR
606
SFR
607
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current .375”(9.5mm) Lead Length
@TA = 55
oC
I(AV)
6.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
200
A
Maximum Instantaneous Forward Voltage
@6.0A
VF
1.2
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
10
250
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
120
200
350
nS
Typical Junction Capacitance ( Note 2 )
Cj
100
pF
Typical Thermal resistance ( Note 3 )
RθJA
35
oC/W
Operating Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
3. Mount on Cu-Pad Size 16mm x 16mm on P.C.B.


Similar Part No. - SFR604

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SFR604 WTE-SFR604 Datasheet
51Kb / 3P
6.0A SOFT FAST RECOVERY RECTIFIER
logo
Jinan Gude Electronic D...
SFR604 JGD-SFR604 Datasheet
146Kb / 2P
6.0 AMPS. SOFT FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
SFR604 TSC-SFR604 Datasheet
70Kb / 2P
6.0 AMPS. Soft Fast Recovery Rectifiers
logo
Won-Top Electronics
SFR604-T3 WTE-SFR604-T3 Datasheet
51Kb / 3P
6.0A SOFT FAST RECOVERY RECTIFIER
More results

Similar Description - SFR604

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
FR601 JGD-FR601 Datasheet
144Kb / 2P
6.0 AMPS. FAST RECOVERY RECTIFIERS
SFR201 JGD-SFR201 Datasheet
143Kb / 2P
2.0 AMPS. SOFT FAST RECOVERY RECTIFIERS
SFR301 JGD-SFR301 Datasheet
146Kb / 2P
3.0 AMPS. SOFT FAST RECOVERY RECTIFIERS
SFR601 JGD-SFR601 Datasheet
146Kb / 2P
6.0 AMPS. SOFT FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
FR601 TSC-FR601 Datasheet
69Kb / 2P
6.0 AMPS. Fast Recovery Rectifiers
FR601 TSC-FR601_1 Datasheet
261Kb / 2P
6.0 AMPS. Fast Recovery Rectifiers
SFR151 TSC-SFR151_1 Datasheet
240Kb / 2P
1.5 AMPS. Soft Fast Recovery Rectifiers
SFR301 TSC-SFR301_1 Datasheet
243Kb / 2P
3.0 AMPS. Soft Fast Recovery Rectifiers
SFR601 TSC-SFR601 Datasheet
70Kb / 2P
6.0 AMPS. Soft Fast Recovery Rectifiers
logo
Yangzhou yangjie electr...
FR601 YANGJIE-FR601 Datasheet
717Kb / 2P
6.0 AMPS. FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com