Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 21 Page - Arista Networks, Inc

Part # 5000
Description  Arista 5000 Series Enterprise WAN Routers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

5000 Datasheet(HTML) 21 Page - Arista Networks, Inc

Back Button 5000 Datasheet HTML 17Page - Arista Networks, Inc 5000 Datasheet HTML 18Page - Arista Networks, Inc 5000 Datasheet HTML 19Page - Arista Networks, Inc 5000 Datasheet HTML 20Page - Arista Networks, Inc 5000 Datasheet HTML 21Page - Arista Networks, Inc 5000 Datasheet HTML 22Page - Arista Networks, Inc 5000 Datasheet HTML 23Page - Arista Networks, Inc 5000 Datasheet HTML 24Page - Arista Networks, Inc 5000 Datasheet HTML 25Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
5.2
Connecting Power Cables
Power cords for use outside of the United States must be ordered separately. Ensure that the power cord is
compliant with local and national electrical codes.
The router accommodates two power supplies. At least one power supply must connect to a power source.
Connecting both power supplies provides redundancy protection. Rear Panel section displays the location of
the power supplies on the rear panel of the router.
•
Non-redundant configuration: Connect power to either of the two power supplies.
•
Redundant power supply configuration: Connect power to both power supplies.
•
Power down the router: Remove all power cords and wires from the power supplies.
Important: Installation of this equipment must comply with local and national electrical codes.
If necessary, consult with the appropriate regulatory agencies and inspection authorities to
ensure compliance.
Installation de cet équipement doit être conformes aux codes électriques locaux et nationaux. Si
nécessaire, consulter les organismes de réglementation appropriés et des autorités de contrôle pour
assurer la conformité.
Important: Read all installation instructions before connecting the system to the power source.
Lire toutes les instructions d’installation avant de brancher le système à la source d’alimentation.
Important: This equipment must be grounded. Never defeat the ground conductor.
Cet équipement doit être mis à la terre. Ne jamais modifier le conducteur de terre.
Important: This unit requires overcurrent protection.
Cet appareil requiert une protection contre les surintensités.
5.2.1
AC Power Supplies
The following AC power supplies are supported:
•
PWR-00619-01 (AWE-5310)
•
PWR-00618-01 (AWE-5510)
18
The following image displays an AC power supply, including the power socket on the left side of the module.
The AC power supply connects to a circuit that provides the required power, as specified in the Specifications
section.
Figure 5-4: AC Power Supply (Example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com