Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1502 Datasheet(PDF) 21 Page - Arista Networks, Inc

Part # AN1502
Description  7050 Series 1 RU (Gen 3) Data Center Switches
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

AN1502 Datasheet(HTML) 21 Page - Arista Networks, Inc

Back Button AN1502 Datasheet HTML 17Page - Arista Networks, Inc AN1502 Datasheet HTML 18Page - Arista Networks, Inc AN1502 Datasheet HTML 19Page - Arista Networks, Inc AN1502 Datasheet HTML 20Page - Arista Networks, Inc AN1502 Datasheet HTML 21Page - Arista Networks, Inc AN1502 Datasheet HTML 22Page - Arista Networks, Inc AN1502 Datasheet HTML 23Page - Arista Networks, Inc AN1502 Datasheet HTML 24Page - Arista Networks, Inc AN1502 Datasheet HTML 25Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
Chapter
4
Cabling the Switch
4.1
Grounding the Switch
After mounting the switch into the rack, this section descusses how to connect the switch to the data
center ground.
Figure 14: Earth Grounding Pad Sockets for Models without Management Ports on the Rear Panel
displays the location of the grounding pads located on the bottom corners of the rear panel for the
models that have no management ports on the rear panel. Figure 15: Earth Grounding Pad Sockets
for Models with Management Ports on the Rear Panel displays the location of the grounding pads on
the rear panel for models that have management ports on the rear panel. There are threaded holes
under the sticker on the right (next to PS2) that warns about “1 min”. Figure 16: Earth Grounding
Adapter for DCS-7050SX3-48YC8 displays the location of the grounding assembly on the rear panel
for DCS-7050SX3-48YC8.
Important: Grounding wires and grounding lugs (M4 x 0.7) are not supplied. Wire size should
meet local and national installation requirements. Commercially available 6 AWG wire is
recommended for installations in the U.S.
À la terre et de mise à la terre fils cosses (M4 x 0.7) ne sont pas fournis. Calibre des fils doit
satisfaire des exigences de l’installation locale et nationale. Disponible dans le commerce 6 fils
AWG est recommandé pour les installations aux États-Unis.
Figure 14: Earth Grounding Pad Sockets for Models
without Management Ports on the Rear Panel
1
Earth grounding pad
Figure 15: Earth Grounding Pad Sockets for Models with Management Ports on the Rear Panel
1
Earth grounding pad
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com