Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAN-7011M-R Datasheet(PDF) 7 Page - Arista Networks, Inc

Part # FAN-7011M-R
Description  7050X3 MACsec Data Center Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7011M-R Datasheet(HTML) 7 Page - Arista Networks, Inc

Back Button FAN-7011M-R Datasheet HTML 2Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 3Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 4Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 5Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 6Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 9Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 10Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7050X3 MACsec | Technical Speci cations
Speci cations
Switch Model
7050CX3M-32S
Ports
32x QSFP100
2x SFP+
Max 100GbE Ports 1
32
Max 50GbE Ports 1
64
Max 40GbE Ports 1
32
Max 25GbE Ports 1
128
Max 10GbE Ports 1
129
Max 1GbE Ports 1
2
Max Total Interfaces 2
129
Throughput 3
6.4Tbps
Packets/Second
2Bpps
Latency
800ns
CPU
Quad-Core x86
System Memory
8 Gigabytes
Flash Storage Memory
8 Gigabytes
Packet Bu er Memory
32 MB (Dynamic Bu er Allocation)
10/100/1000 Mgmt Ports
1
RS-232 Serial Ports
1 (RJ-45)
USB Ports
1
Hot-swap Power Supplies
2 (1+1 redundant)
Hot-swappable Fans
3 (2+1 redundant)
Reversible Air ow Option
Yes
Typical/Max Power Draw 4
398W / 751W
Rack Units
1RU
Size (WxHxD)
19 x 1.75 x 22 inches
(48.3 x 4.4 x 55.88 cm)
Weight
26.45 lbs (12kg)
Power Supplies
1000W AC/DC Forward & Reverse
1500W AC/DC Forward & Reverse
EOS Feature Licenses
LIC-FIX-2
Minimum EOS
4.23.0
1. Maximum port numbers are uni-dimensional, may require the use of break-outs and are subject to transceiver/cable capabilities
2. Where supported by EOS, each system supports a maximum number of interfaces. Certain con gurations may impose restrictions on which physical ports can be used
3. Performance gures based on average packet size of 200B
4. Typical power consumption measured at 25C ambient with 50% load on all ports. Max power is at 100% load and includes 3.5W 100G optics, at 40C, 10,000ft
5. CR cables are only supported on SFP+ ports
Supported Optics and Cables
40GbE
40G QSFP ports
10GBASE-CR
0.5m-5m QSFP+ to 4x SFP+ (see note 5)
40GBASE-AOC
3m to 100m
40GBASE-UNIV
150m (OM3) /150m (OM4) /500m (SM)
40GBASE-SRBD
100m (OM3) /150m (OM4)
40GBASE-SR4
100m (OM3) /150m (OM4)
40GBASE-XSR4
300m (OM3) /450m (OM4)
40GBASE-PLRL4
1km (1km 4x10G LR/LRL)
40GBASE-LRL4
1km
40GBASE-PLR4
10km (10km 4x10G LR/LRL)
40GBASE-LR4
10km
40GBASE-ER4
40km
100GbE
100G QSFP ports
100GBASE-SR4
70m OM3 / 100m OM4 Parallel MMF
100GBASE-XSR4
150m OM3 / 300m OM4 Parallel MMF
100GBASE-SWDM4
70m OM3 / 100m OM4 Duplex MMF
100GBASE-SRBD
70m OM3 / 100m OM4 Duplex MMF
100GBASE-LR
10km SM Duplex
100GBASE-LR4
10km SM Duplex
100GBASE-LRL4
2km SM Duplex
100GBASE-XCWDM4
10km SM Duplex
100GBASE-CWDM4
2km SM Duplex
100GBASE-PSM4
500m SM Parallel
100GBASE-AOC
1m to 30m
100GBASE-ERL4
40km SM Duplex



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com