Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWR-500AC-R Datasheet(PDF) 6 Page - Arista Networks, Inc

Part # PWR-500AC-R
Description  7050QX Series 10/40G Data Center Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-500AC-R Datasheet(HTML) 6 Page - Arista Networks, Inc

  PWR-500AC-R Datasheet HTML 1Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 2Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 3Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 4Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 5Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 6Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 7Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 8Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 9Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
7050QX Series | Technical Speci cations
Speci cations
7050QX-32S
7050QX2-32S E
Ports
32 x QSFP+
4 x SFP+
32 x QSFP+
4 x SFP+
Max 40GbE Ports
32 x QSFP+
32 x QSFP+
Max 10GbE Ports
96
96
Max 1GbE Ports
4
4
Throughput
2.56 Tbps
Packets/Second
1440 Mpps
Latency
550 ns
CPU
Quad-Core x86
Quad-Core x86
System Memory
4 Gigabytes
8 Gigabytes
Flash Storage Memory
4 Gigabytes
4 Gigabytes
Packet Bu er Memory
12MB (Dynamic Bu er Allocation)
16MB
SSD Storage (optional)
120 Gigabytes
120 Gigabytes
10/100/1000 Mgmt Ports
1
RS-232 Serial Ports
1 (RJ-45)
USB Ports
1
Hot-swap Power Supplies
2 (1+1 redundant)
Hot-swappable Fans
4 (N+1 redundant)
Reversible Air ow Option
Yes
Typical/Max Power Draw 1
150W /302W
129W /283W
Size (WxHxD)
19 x 1.75 x 16”
(48.3x 4.4x 40.64cm)
Weight
20lbs (9.1kg)
20lbs (9.1kg)
EOS Feature Licenses
Group 2
Group 2
Minimum EOS Version
4.14.0
4.18.0
1. Typical power consumption measured at 25C ambient with 50% load
E. Product is subject to an End of Sale notice
Note Performance rated over operation with average packets larger than 200 bytes.
Power Supply Speci cations
Switch Model
7050QX-32S / 7050QX2-32S
Power Supply Model
PWR-500AC
PWR-500-DC
Input Voltage
100-240VAC
-48 to -60 VDC
Typical Input Current
6.3 - 2.2A
11.8A Max (-48V)
Input Frequency
50/60Hz
DC
Input Connector
IEC 320-C13
AWG #14 Max
E ciency (Typical)
93% Platinum
90%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com